Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8255 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S8255
Description  Si PIN photodiode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S8255 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S8255 Datasheet HTML 1Page - Hamamatsu Corporation S8255 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PHOTODIODE
Si PIN photodiode
φ3 mm lens plastic package
S7797, S5052, S8255, S5573
Features
l Clear plastic package with φ3 mm lens
l High-speed response
S7797: 500 MHz Typ. (VR=2.5 V)
S5052: 500 MHz Typ. (VR=5 V)
S8255: 200 MHz Typ. (VR=5 V)
S5573: 80 MHz Typ. (VR=5 V)
Applications
l Laser diode monitor in optical disk drive (high-speed APC)
l Spatial light transmission
These Si PIN photodiodes are molded into to a clear plastic package with a
φ3 mm lens. To meet your application, various types are
available with different time response characteristics.
s
General ratings / Absolute maximum ratings
Absolute maximum ratings
Package
Active
area size
Effective
active area
Reverse
voltage
VR Max.
Power
dissipation
P
Operating
temperature
Topr
Storage
temperature
Tstg
Type No.
(mm)
(mm)
(mm2)
(V)
(mW)
(°C)
(°C)
S7797
S5052
S8255
S5573
Plastic package
with lens
φ3.0
7.0
20
50
-25 to +85
-40 to +100
s
Electrical and optical characteristics (Typ. Ta=25 °C, unless otherwise noted)
Photo sensitivity
S
(A/W)
Spectral
response
range
λ
Peak
sensitivity
wavelength
λp
Short
circuit
current
Isc
100 lx
2856 K
Dark current
ID
(nA)
Temp.
coefficient
of ID
TCID
Cut-off
frequency
fc
RL=50 Ω
-3dB
Terminal
capacitance
Ct
f=1 MHz
NEP
Type No.
(nm)
(nm)
λp 660
nm
780
nm
830
nm
(µA)
Typ.
Max. (times/°C) (MHz)
(pF)
(W/Hz1/2)
S7797
760 0.52 0.48 0.51 0.48
0.01 *1 0.3 *1
500 *1
6 *1
3.4 × 10-15 *1
S5052
320 to 1000 800 0.46 0.4 0.45 0.45 2.8 0.02 *2 0.3 *2
500 *2
4 *2
5.5 × 10-15 *2
S8255
4.0
0.01 *2 1 *2
200 *2
3.4 × 10-15 *2
S5573
320 to 1060 900 0.53 0.4 0.48 0.5
4.5 0.025 *2 1 *2
1.15
80 *2
3 *2
5.3 × 10-15 *2
*1: VR=2.5 V
*2: VR=5 V


Similar Part No. - S8255

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8250A SII-S8250A Datasheet
736Kb / 36P
BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
S8250B SII-S8250B Datasheet
720Kb / 32P
BATTERY PROTECTION IC FOR 1-CELL PACK
S8252 SII-S8252 Datasheet
554Kb / 35P
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S8253C SII-S8253C Datasheet
470Kb / 33P
BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
S8254A SII-S8254A Datasheet
359Kb / 29P
BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
More results

Similar Description - S8255

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IWPH01-02 INTEGRAL-IWPH01-02 Datasheet
152Kb / 3P
SI PIN PHOTODIODE
logo
Hamamatsu Corporation
S4349 HAMAMATSU-S4349 Datasheet
125Kb / 2P
Si PIN photodiode
S8385 HAMAMATSU-S8385 Datasheet
115Kb / 2P
Si PIN photodiode
S10993-05GT HAMAMATSU-S10993-05GT Datasheet
215Kb / 6P
Si PIN photodiode
S8650 HAMAMATSU-S8650_15 Datasheet
352Kb / 3P
Si PIN photodiode
S5980 HAMAMATSU-S5980_15 Datasheet
329Kb / 2P
Si PIN photodiode
S5821 HAMAMATSU-S5821_15 Datasheet
102Kb / 4P
Si PIN photodiode
S5106 HAMAMATSU-S5106_15 Datasheet
397Kb / 4P
Si PIN photodiode
S10993-02CT HAMAMATSU-S10993-02CT_15 Datasheet
240Kb / 6P
Si PIN photodiode
S9345 HAMAMATSU-S9345_15 Datasheet
191Kb / 4P
Si PIN photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com