Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT74 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NT74
Description  Low coil consumption
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NT74 Datasheet(HTML) 2 Page - DB Lectro Inc

  NT74 Datasheet HTML 1Page - DB Lectro Inc NT74 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Small size, light weight.
Low coil consumption.
PC board mounting.
Suitable for household electrical appliances, automation system, electrical equipment, instrument, meter
telecommunication facilities and remote control facilities.
Ordering Information
NT74 1C S 10 DC12V N
G
1
2
3
4
5
6
7
Rated
Max.
Dash
numbers
Coil voltage
VDC
Coil
resistance
10%
Pickup
voltage
VDC(max)
(70%of rated
voltage )
Release voltage
VDC(min)
(10% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
Contact Data
Contact Arrangement
1A SPSTNO
1C
SPDT(B-M)) 1C2
SPDT(B-M)
Contact Material
AgNi
AgSnO
2
Contact Rating (resistive)
1A,1C,1C2:8A,10A/250VAC,30VDC
2A,2B,2C:5A/250VAC,30VDC
Max. Switching Power
1A,1C,1C2:300W 2500VA
Max. Switching Voltage
440VAC 125VDC
Max. Switching Current:10A
Contact Resistance or Voltage drop
100m
Item 3.12 of IEC255-7
5
Operational
Electrical
10
Item 3.30 of IEC255-7
7
life
Mechanical
10
Item 3.31 of IEC255-7
Coil Parameter
4 Contact rating:1A,1C:8A,10A/250VAC 30VDC;
2A,2B,2C:5A/250VAC 30VDC
5 Coil rated voltage(V):DC:5,6,9,12,18,24,48,60
6 Contanct material: N: AgNi; S:AgSnO
2
7 Contact plating: Nil:Standard; G:Gold plated
1 Part number:NT74
2 Contact arrangement:1A:1A;1C:1C;C2:1C2;
2A:2A;2B:2B;2C:2C
3 Enclosure:S: Sealed type
Z: Dust cover
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
005-220
5
6.5
113
3.5
0.5
006-220
6
7.8
164
4.2
0.6
009-230
9
11.7
360
6.3
0.9
012-230
12
15.6
620
8.4
1.2
0.22
10
5
0.23
10
5
Features
Operation condition
Insulation Resistance
1000M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
50Hz 1000V 1min
Item 6 of IEC255-5
Between contact and coil
50Hz 5000V 1min
Item 6 of IEC255-5
2
Shock resistance
functional: 980m/s
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz double amplitude NO: 1.65mm
IEC68-2-6 Test Fc
Terminals strength
10N
IEC68-2-21 Test Ua1
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40
~85
Relative Humidity
35%~85% (at 40 )
IEC68-2-3 Test Ca
Mass
8g
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Dimensions
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
NT 74
Dimension
mm /inch
2A
DPSTNO
2B(DPSTNC)
2C
DPDT(B-M)
2A,2B,2C:150W 1250VA
018-250
18
23.4
1295
12.7
1.8
024-250
24
31.2
2350
16.8
2.4
0.25
10
5
048-290
48
62.4
8000
33.6
4.8
060-290
60
78
12500
42
6.0
0.29
10
5
Between contact sets
50Hz 2500V 1min
Item 6 of IEC255-5
(no coil voltage) NC: 0.8mm
2
2
survival: NO:98m/s NC:49m/s
1A
1C
2A
2C
1C2
2B
Mounting (Bottom view)
Wiring diagram (Bottom view)
1C
1C2,2C
2B
1A
NT74
28.5
12.5
10.1
2A
22.1
6- 1.3
3.2
0.126
0.051
0.870
0.744
0.126
0.051
6- 1.3
18.9
3.2
0.051
0.744
0.126 0.126
8- 1.3
18.9
3.2 3.2
0.051
0.200
0.744
5- 1.3
18.9
5.08
0.126
0.126
0.051
0.744
5- 1.3
3.2
3.2
18.9
Ningbo Huaguan Relay Corporation LTD.
0.016
0.031
0.398
0.008
0.024
1.122
0.008
0.065
0.30
10.1
0.2
28.5
0.2
2- 0.6
7.62
1.65
6-0.4
0.8
E160644
C
US
R
VDE
40019280
Safety approvals
Safety approval
Load
VDE
1A,1C,1C2:8A,10A/250VAC,30VDC
2A,2C:5A/250VAC,30VDC
8A/250VAC
UL&CUR
06001015741
NHG RELAYS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com