Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NV2M Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NV2M
Description  Low coil power consumption
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NV2M Datasheet(HTML) 2 Page - DB Lectro Inc

  NV2M Datasheet HTML 1Page - DB Lectro Inc NV2M Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
9.2max.
2C
1C
17.4max.
6-0.4
3-0.4
2.2
2-? 0.55
18.2max.
2.2
4-? 0.55
18.2max.
NV2M
Small size, light weight.
Low coil power consumption.
Switching capacity up to 20A.
PC board mounting.
Suitable for automobile, automation system, electronic equipment, instrument, meter, telecommunication facilities and
remote control facilities.
Ordering Information
NV2M Q 2C Z
DC12V
0.6
1
2
3
4
5
6
Contact Data
Contact Arrangement
2A
DPSTNO
, 2C
DPDT(B-M)
; NV2M 1A(SPSTNO) 1C(SPDT(B-M))
Contact Material
AgSnO
2
Contact Rating (resistive)
NO:20A/14VDC NC:15A/14VDC
Max. Switching Power
280W
Max. Switching Voltage
40VDC
Max. Switching Current:20A
30m
or 30mV at 10A max make time 15s
Item 3.12 of IEC255-7
5
Operation
Electrical
2
10
Item 3.30 of IEC255-7
7
life
Mechanical
10
Item 3.31 of IEC255-7
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
3.Unless otherwise stated, the rated coil voltage specified in coil parameter table shall be used for all tests and its
application to the relay.
Sound Pre. Characteristics (Q type)
Operation noise
<50db
Coil voltage :12VDC
Dash
numbers
Coil voltage
VDC
Coil
resistance
10%
Pick up
voltage
VDC(max)
(58%of rated
voltage)
Release
voltage
VDC(min)
(9% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
Rated
Max.
Coil Parameter
Patent No.: 01330295.7 02312129.7
4 Enclosure
S: Sealed type
Z: Dust cover
5 Coil rated voltage(V)
DC:12
6 Coil power consumption
0.56:0.56W
0.6:0.6W
0.8: 0.8W
1 Part number
NV2M,
2 Noise
NIL: Standard;Q: Quiet
3 Contact arrangement:2A:2A
2C:2C
1C:1C;1A:1A
Contact Resistance or Voltage drop
012-800
12
18
180
6.9
1
0.8
3
1.2
012-600
12
18
240
6.9
1
0.6
3
1.2
012-560
12
18
260
6.9
1
0.56
3
1.2
Features
18.2
17.4(9.2)
13.8
(Q Type)22.8
22.3
20.4
22.8
18.8
11.3
3.8
2
1
3
4
5
10
8
6
7
9
22.8max.
4-0.4 0.4
6-0.9
0.9
2
22.3max.
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Insulation Resistance
100M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
50Hz 500V
Item 6 of IEC255-5
Between contact and coil
50Hz 500V
Item 6 of IEC255-5
Shock resistance
2
Vibration resistance
Dimensions
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
IEC68-2-27 Test Ea
2
Functional
300m/s
2
Survival
450 m/s
2
10~100Hz 100 m/s
Double amplitude 1.5mm
IEC68-2-6 Test Fc
Terminals strength
5N
IEC68-2-21 Test Ua1
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~85
Relative Humidity
85% (at 40
)
IEC68-2-3 Test Ca
Mass
15g(Q type ); 10g ;5g(1C)
(Standard Type)
Wiring diagram(Bottom view)
(Standard Type)
(Quiet Type)
Mounting (Bottom view)
(Quiet Type)
Dimensions
Operation condition
NV2M
3- 1.3
3.75
5
4
3
2
1
2- 0.9
3.75
0.1
11.25 0.2
9
10
5
4
6- 1.3
8
7
6
4- 0.9
3
2
1
6- 1.3
4- 0.3
5
4
3
9
10
5
4
8
3
2
1
2
1
7
6
1C
2C
1
4
3
8
9
6
2
5
10
7
0.022
0.087
0.717max.
mm /inch
0.016
0.035
0.362max.
0.717max.
0.685max.
0.087
0.022
0.016
0.035
0.443
0.008
0.035
0.051
0.148
0.039
0.035
0.051
0.148
0.898max.
0.878max.
0.079
0.016
0.016
0.016
0.035
0898
0.740
0.051
0.445
0.150
0.012
1C
2C
Ningbo Huaguan Relay Corporation LTD.
NHG RELAYS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com