Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVFS Datasheet(PDF) 1 Page - DB Lectro Inc

Part # NVFS
Description  Small size and light weight. Heavy contact load (30A).
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NVFS Datasheet(HTML) 1 Page - DB Lectro Inc

  NVFS_05 Datasheet HTML 1Page - DB Lectro Inc NVFS_05 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Présente / Presents:
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - NVFS_05

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NVFSA15DC12V DBLECTRO-NVFSA15DC12V Datasheet
103Kb / 2P
Small size and light weight. Heavy contact load (30A)
NVFSA15DC24V DBLECTRO-NVFSA15DC24V Datasheet
103Kb / 2P
Small size and light weight. Heavy contact load (30A)
NVFSA15DC6V DBLECTRO-NVFSA15DC6V Datasheet
103Kb / 2P
Small size and light weight. Heavy contact load (30A)
NVFSA30DC12V DBLECTRO-NVFSA30DC12V Datasheet
103Kb / 2P
Small size and light weight. Heavy contact load (30A)
NVFSA30DC24V DBLECTRO-NVFSA30DC24V Datasheet
103Kb / 2P
Small size and light weight. Heavy contact load (30A)
More results

Similar Description - NVFS_05

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NVFS DBLECTRO-NVFS Datasheet
103Kb / 2P
Small size and light weight. Heavy contact load (30A)
logo
HuaXinAn Electronics CO...
JQX-13F1B HUAXINAN-JQX-13F1B Datasheet
993Kb / 2P
Small size, light weight, heavy reverse power.
JQX-13F1C HUAXINAN-JQX-13F1C Datasheet
993Kb / 2P
Small size, light weight, heavy reverse power.
JQX-13F2C HUAXINAN-JQX-13F2C Datasheet
993Kb / 2P
Small size, light weight, heavy reverse power
JZX-18FF2B HUAXINAN-JZX-18FF2B Datasheet
1,008Kb / 1P
Small size, light weight, heavy reverse power.
JZX-18FF2C HUAXINAN-JZX-18FF2C Datasheet
1,008Kb / 1P
Small size, light weight, heavy reverse power
JZX-18FF3A HUAXINAN-JZX-18FF3A Datasheet
1,008Kb / 1P
Small size, light weight, heavy reverse power
JZX-18FF3C HUAXINAN-JZX-18FF3C Datasheet
1,008Kb / 1P
Small size, light weight, heavy reverse power
JZX-18FF4C HUAXINAN-JZX-18FF4C Datasheet
1,008Kb / 1P
Small size, light weight, heavy reverse power
NT73-2A HUAXINAN-NT73-2A Datasheet
522Kb / 1P
Small size, light weight, heavy reverse power
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com