Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVFS Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NVFS
Description  Small size and light weight. Heavy contact load (30A).
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NVFS Datasheet(HTML) 2 Page - DB Lectro Inc

  NVFS Datasheet HTML 1Page - DB Lectro Inc NVFS Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NVFS
Patent No.:99215698.X
Small size and light weight. Heavy contact load (30A).
Contact arrangement Form A.
Suitable for automobile and lamp accessories application.
Insert mounting ,With metal frame.
Ordering Information
NVFS A
15
DC12V
1
2
3
4
1 Part number
NVFS
2 Contact arrangement
A:1A
3 Contact rating
15:15A/14VDC
30:30A/14VDC
4 Coil rated Voltage(V) DC: 6,12,24
Contact Data
Contact Arrangement
1A SPSTNO
Contact Material
AgSnO
2
Contact Rating (resistive)
15A
30A/14VDC
Max. Switching Power
420W
Max. Switching Voltage
75VDC
Max. Switching Current:30A
Contact Resistance or Voltage drop
50m
Item 3.12 of IEC255-7
5
Operation
Electrical
10
Item 3.30 of IEC255-7
7
Life
Mechanical
10
Item 3.31 of IEC255-7
Coil Parameter
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
006-1800
6
7.8
20
3.9
1.2
012-1800
12
15.6
80
7.8
2.4
024-1800
24
31.2
320
15.6
4.8
Dash
numbers
Coil voltage
VDC
Coil
resistance
10%
Pickup
voltage
VDC(max)
(65%of rated
voltage )
Release
voltage
VDC(min)
(20% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
Rated
Max.
1.8
7
5
Features
32.6
25.2
21
Operation condition
Insulation Resistance
100M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
50Hz 500V
Item 6 of IEC255-5
Between contact and coil
50Hz 750V
Item 6 of IEC255-5
2
Shock resistance
147m/s
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~40Hz
double amplitude
1.27mm
IEC68-2-6 Test Fc
Terminals strength
8N
IEC68-2-21 Test Ua2
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~105
Relative Humidity
85% (at 40
)
IEC68-2-3 Test Ca
Mass
32g
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
Dimensions
Wiring diagram (Bottom view)
Mounting (Bottom view)
Dimensions
NVFS
4-7
1.2
36max.
34.6
4.85
4-6.3X0.8
5.1
24.5
0.8
6
5.2
Fuse-wire
Shrouded type with bracket
8.4
17.9
Fuse-wise
14.9
19.1
9
12
25.2max.
86
87
85
30
85
87
86(+)
30
mm /inch
0.752
0.587
0.354
0.472
0.992max.
0.205
0.201
0.031
0.965
0.236
0.191
1.362
1.417max.
0.248
0.031
0.705
0.331
0.276
0.047
Ningbo Huaguan Relay Corporation LTD.
NHG RELAYS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com