Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVFM Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NVFM
Description  Switching capacity up to 25A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NVFM Datasheet(HTML) 2 Page - DB Lectro Inc

  NVFM Datasheet HTML 1Page - DB Lectro Inc NVFM Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NVFM
Switching capacity up to 25A.
PC board mounting and insert mounting available.
Suitable for automation system and automobile auxiliary etc.
Ordering Information
NVFM C
Z
20
DC12V
1.5 b
D
1
2
3
4
5
6
7
8
5 Coil rated voltage(V)
DC:6,12,24,48
6 Coil power consumption
1.2:1.2W
1.5:1.5W
7 Terminals
b: PCB type
a: plug in type
8 Coil transient suppression: D: with diode
R: with resistance
NIL: standard
Contact Data
Contact Arrangement
1A SPSTNO
1C
SPDT(B-M)
Contact Materia
AgSnO , AgNi
2
Contact Rating (resistive)
1A
35A,25A/14VDC
1C
20A/14VDC,NO:30A/14VDC,NC:25A/14VDC
Max. Switching Power
350W
Max. Switching Voltage
75VDC
Max. Switching Current:35A
Contact Resistance or Voltage drop
50m
Item 3.12 of IEC255-7
5
Electrical
10
Item 3.30 of IEC255-7
7
Mechanical
10
Item 3.31 of IEC255-7
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
006-1200
6
7.8
30
4.2
0.6
012-1200
12
15.6
120
8.4
1.2
024-1200
24
31.2
480
16.8
2.4
048-1200
48
62.4
1920
33.6
4.8
006-1500
6
7.8
24
4.2
0.6
012-1500
12
15.6
96
8.4
1.2
024-1500
24
31.2
384
16.8
2.4
048-1500
48
62.4
1536
33.6
4.8
Dash
numbers
Coil voltage
VDC
Coil
resistance
10%
Pick up
voltage
VDC(max)
(70%of rated
voltage )
Release
voltage
VDC(min)
(10% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
Rated
Max.
Coil Parameter
10
7
1.2
1.5
10
7
Features
1 Part number
NVFM
2 Contact arrangement
A:1A (1.2W)
C:1C(1.5W)
3 Enclosure
S: Sealed type
Z: Dust cover
4 Contact current
35:35A/14VDC
30:30A/14VDC
25:25A/14VDC
20:20A/14VDC
23
15.5
26
Operation
life
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Operation condition
1)
Insulation Resistance
100M
min (at 500VDC)
Item 7 of IEC255-5
1)
Dielectric Strength
Between contacts
50Hz 500V
Item 6 of IEC255-5
Between contact and coil
50Hz 1000V
Item 6 of IEC255-5
2
Shock resistance
100m/s
11ms
11msIEC68-2-27 Test Ea
Vibration resistance
10~40Hz double amplitude 1.27mm
IEC68-2-6 Test Fc
Terminals strength
8N 4N
PC type
IEC68-2-21 Test Ua1
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~125
Relative Humidity
85% (at 40
)
IEC68-2-3 Test Ca
Mass
18.5g
Note: 1). ,When testing, coil terminals
, if coil transient suppression is installed in relay .
should be connected
Dimensions
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
Reference Data
NVFM
mm /inch
Note: Terminals as shown above
are also available.
Wiring diagram (Bottom view)
Dimensions
Plug in type
PCB type
Mounting (Bottom view)
3-2.6
1.2
0.197
0.905max.
0.610max.
0.248
15.5max.
23max.
0.217
0.189
0.031
0.315
0.551
0.315
0.102
0.047
0.248
0.189
0.031
0.087
0.031
0.098
5.5
2.5
6.3
2.5
Ningbo Huaguan Relay Corporation LTD.
NHG RELAYS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com