Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT76ASCD18VC Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NT76ASCD18VC
Description  Switching capacity up to 16A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NT76ASCD18VC Datasheet(HTML) 2 Page - DB Lectro Inc

  NT76ASCD18VC Datasheet HTML 1Page - DB Lectro Inc NT76ASCD18VC Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
22.3
16.6
11
E9930952E01
E160644
R2033977
Patent NO.:99206684.0
Super light in weight.
High sensitivity.
Switching capacity up to 16A.
PC board mounting.
Ordering Information
NT76
C
S
DC12V
C
0.2
1
2
3
4
5
6
1 Part number NT76
2 Contact arrangement A:1A
C:1C
3 Enclosure
S: Sealed type Z: Dust cover
4 Coil rated voltage(V)
DC:5,6,9,12,18,24,48,100
5 Contact material C: AgCdO S: AgSnO In O
223
6 Coil power consumption
0.2:0.2W
0.25:0.25W
0.45:0.45W
0.6:0.6W
Contact Data
Contact Arrangement
1A
SPSTNO
1C
SPDT(B-M)
Contact Material
AgCdO AgSnO InO
22
3
Contact Rating (resistive)
1A: 16A/250VAC, 30VDC;1C: NO:16A/250VAC, 30VDC NC:10A/250VAC,30VDC
T V 16A/250VAC,14VDC
Max. Switching Power
300W 2500VA
Max. Switching Voltage
110VDC 380VAC
Max. Switching Current:16A
Contact Resistance or Voltage drop
50m
Item 3.12 of IEC255-7
5
Operation
Electrical
10
Item 3.30 of IEC255-7
al
7
life
Mechanical
10
Item 3.31 of IEC255-7
Coil Parameter
Dash
numbers
Coil voltage
VDC
Coil
resistance
10%
Pickup
voltage
VDC(max)
(75%of rated
voltage )
Release
voltage
VDC(min)
(5% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
Rated
Max.
005-200
5
6.5
125
3.75
0.25
006-200
6
7.8
180
4.50
0.30
009-200
9
11.7
405
6.75
0.45
012-200
12
15.6
720
9.00
0.60
018-200
18
23.4
1620
13.5
0.90
024-200
24
31.2
2880
18.0
1.20
048-250
48
52.8
9216
38.4
2.40
005-450
5
6.5
56
3.75
0.25
006-450
6
7.8
80
4.50
0.30
009-450
9
11.7
180
6.75
0.45
012-450
12
15.6
320
9.00
0.60
018-450
18
23.4
720
13.5
0.90
024-450
24
31.2
1280
18.0
1.20
048-450
48
52.8
5120
38.4
2.40
100-600
100
130
16600
80.0
10.0
0.20
10
5
0.25
10
5
0.45
10
5
0.6
10
5
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Features
NT76
C
US
R
Operation condition
Insulation Resistance
100M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between contact and coil
50Hz 750V
Item 6 of IEC255-5
50Hz 1500V
Item 6 of IEC255-5
2
Shock resistance
100m/s
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz double amplitude 1.5mm
IEC68-2-6 Test Fc
Terminals strength
10N
IEC68-2-21 Test Ua1
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~85
Relative Humidity
85% (at 20
)
IEC68-2-3Test Ca
Mass
10g
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Safety approvals
Safety approval
UL&CUR
T V
CQC
Load
1A
16A/250VAC 1C
10A/250VAC
16A/250VAC;14VDC
16A/250VAC
Dimensions
Dimensions
Mounting (Bottom view)
Wiring diagram
(Bottom view)
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
Reference Data
NT76
22.3max.
16.6max.
2.3
2-1.1
0.3
0.4
1.1
2- 0.6
17.78
10.16
(7.62)
2- 0.9
3- 1.3
1A
1C
U
04001010695
mm /inch
0.878max.
0.653max.
0.091
0.043
0.012
0.016
0.043
0.024
0.400
0.300
0.700
0.035
0.700
Ningbo Huaguan Relay Corporation LTD.
NHG RELAYS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com