Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVF9 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NVF9
Description  Suitable for automation system and automobile auxiliary etc
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NVF9 Datasheet(HTML) 2 Page - DB Lectro Inc

  NVF9 Datasheet HTML 1Page - DB Lectro Inc NVF9 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NVF9
Heavy contact load (30A).
nsert mounting available.
Suitable for automation system and automobile auxiliary etc.
NVF9 A
Z 30 a DC12V
1
2
3
4
5
6
1
NVF9
2 Contact arrangement A:1A
3 Enclosure
Z: Dust cover
Part number
4 Contact current 15:15A/24VDC
30:30A/14VDC
5 Terminals
a: plug in type
6 Coil rated voltage(V)
DC:6,12,24
1A
1H
SPSTNO
AgSnO , AgNi
2
30A/14VDC,15A/24VDC
420W
75VDC
Max. switching current:30A
100mV(at 30A)
Item 3.12 of IEC 255-7
5
10
Item 3.30 of IEC 255-7
6
510
Item 3.31 of IEC 255-7
006-1440
06
7.8
25
4.2
0.6
024-1440
24
31.2
400
16.8
2.4
1.44
7
27.3 23 30.2(+20.3)
100M
min. (500VDC)
Item 7 of IEC255-5
2
147m/s
11ms
IEC68-2-27 Test Ea
10~60Hz
1.5mm
IEC68-2-6
Fc
double amplitude
Test
8N
IEC68-2-21
Ua2
Test
235
2
10
0.5s
IEC68-2-20
Ta method 1
Test
-40~85
85% (40
)
IEC68-2-3
Ca
Test
40g
50Hz 500V
50Hz 750V
Item 6 of IEC255-5
Item 6 of IEC255-5
NVF9
012-1440
12
15.6
100
8.4
1.2
A
A
max.
1.075max.
0.854
0.205
0.906
1.035
0.256
0.591
0.591
0.858
0.217
0.236
0.031
0.354
0.075
0.354
0.866
Features
Ordering Information
Contact Data
Contact Rating (resistive)
Contact Resistance or
Voltage drop
Operation life
Electrical
Mechanical
Contact arrangement
Contact Material
Max. Switching Power
Coil Parameter
Dash
numbers
Coil voltage
VDC
Coil
resistance
10%
Pickup
voltage
VDC(max)
(70%of rated
voltage )
Release
voltage
VDC(min)
(10% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
Rated
Max.
Operation condition
Dielectric Strength
Between contacts
Between contact and coil
Insulation Resistance
Shock resistance
Vibration resistance
Terminals strength
Solderability
Ambient Temperature
Relative Humidity
Mass
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Dimensions
mm /inch
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
Wiring diagram (Bottom view)
Dimensions
Mounting (Bottom view)
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
NHG RELAYS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com