Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFPCOMP Datasheet(PDF) 2 Page - Digital Core Design

Part # DFPCOMP
Description  Floating Point Comparator Unit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DFPCOMP Datasheet(HTML) 2 Page - Digital Core Design

  DFPCOMP Datasheet HTML 1Page - Digital Core Design DFPCOMP Datasheet HTML 2Page - Digital Core Design DFPCOMP Datasheet HTML 3Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
Unlimited Designs
license allows using IP
Core in unlimited number of FPGA bitstreams
and ASIC implementations.
In all cases number of IP Core instantiations
within a design, and number of manufactured
chips are unlimited. There is no time of use
limitations.
●
○
Single Design license for
VHDL, Verilog source code called HDL
Source
Encrypted, or plain text EDIF called Netlist
○
●
○
○
●
○
○
Unlimited Designs license for
HDL Source
Netlist
Upgrade from
Netlist to HDL Source
Single Design to Unlimited Designs
SYMBOL
adatai(31:0)
bdatai(31:0)
en
rst
clk
gto
eqo
lto
ifo
PINS DESCRIPTI O N
PIN
TYPE
DESCRIPTION
clk
Input Global system clock
rst
Input Global system reset
en
Input Enable computing
adatai[31:0]
Input A data bus input
bdatai[31:0]
Input B data bus input
gto
output A>B output
eqo
output A=B output
lto
output A<B output
ifo
output Invalid result flag
BLOCK DIAGRAM
adatai(31:0)
en
rst
clk
gto
eqo
lto
ifo
Arguments
Checker
Main FP
Pipelined Unit
bdatai(31:0)
Arguments Checker
- performs input data
analyze against IEEE-754 number standard
compliance. The appropriate numbers and
information about the input data classes are
given as the results to Main FP Pipelined
Unit.
Main FP Pipelined Unit
- performs floating
point compare function. Gives the complex
information about the results and makes final
flags settings.
PERFORMANCE
The following table gives a survey about the
Core area and performance in the ALTERA®
devices after Place & Route :
Device
Speed
grade
Logic Cells
Fmax
FLEX10KE
-1
83
81 MHz
ACEX1K
-1
83
82 MHz
APEX20K
-1
79
60 MHz
APEX20KE
-1
79
76 MHz
APEX20KC
-7
79
98 MHz
APEX-II
-7
79
118 MHz
MERCURY
-5
85
178 MHz
STRATIX
-5
82
152 MHz
CYCLONE
-6
81
140 MHz
STRATIX-II
-3
66
225 MHz
CYCLONE -II
-6
81
141 MHz
Core performance in ALTERA® devices



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com