Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFPDIV Datasheet(PDF) 1 Page - Digital Core Design

Part # DFPDIV
Description  Floating Point Pipelined Divider Unit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DFPDIV Datasheet(HTML) 1 Page - Digital Core Design

  DFPDIV Datasheet HTML 1Page - Digital Core Design DFPDIV Datasheet HTML 2Page - Digital Core Design DFPDIV Datasheet HTML 3Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
Encrypted, or plain text EDIF netlist
D
DF
FP
PD
DIIV
V
Floating Point Pipelined Divider Unit
ver 2.15
OVERVIEW
The DFPDIV uses the pipelined mathemat-
ics algorithm to divide two arguments. The
input numbers format is according to IEEE-
754 standard. DFPDIV supports single preci-
sion real number. Divide operation was pipe-
lined up to 15 levels. Input data are fed every
clock cycle. The first result appears after 15
clock periods latency and next results are
available each clock cycle. Full IEEE-754
precision and accuracy are included.
APPLI C ATION
Math coprocessors
DSP algorithms
Embedded arithmetic coprocessor
Data processing & control
KEY FEATURES
Full IEEE-754 compliance
Single precision real format support
Simple interface
No programming required
15 levels pipeline
Full accuracy and precision
Results available at every clock
Overflow, underflow and invalid operation
flags
Fully configurable
Fully synthesizable, static synchronous
design with no internal tri-states
DELIVERABLES
Source code:
VHDL Source Code or/and
VERILOG Source Code or/and
VHDL & VERILOG test bench environ-
ment
Active-HDL automatic simulation mac-
ros
NCSim automatic simulation macros
ModelSim automatic simulation macros
Tests with reference responses
Technical documentation
Installation notes
HDL core specification
Datasheet
Synthesis scripts
Example application
Technical support
IP Core implementation support
3 months maintenance
Delivery the IP Core updates, minor
and major versions changes
Delivery the documentation updates
Phone & email support
LICENSING
Comprehensible and clearly defined licensing
methods without royalty fees make using of
IP Core easy and simply.
Single Design
license allows using IP Core in
single FPGA bitstream and ASIC implemen-


Similar Part No. - DFPDIV

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DFPD-10-RP-90-RD-F03 FESTO-DFPD-10-RP-90-RD-F03 Datasheet
93Kb / 2P
Quarter turn actuator
DFPD-10-RP-90-RD-F04 FESTO-DFPD-10-RP-90-RD-F04 Datasheet
93Kb / 2P
Quarter turn actuator
DFPD-120-RP-120-RD-F0507 FESTO-DFPD-120-RP-120-RD-F0507 Datasheet
92Kb / 2P
Quarter turn actuator
DFPD-120-RP-135-RD-F0507 FESTO-DFPD-120-RP-135-RD-F0507 Datasheet
92Kb / 2P
Quarter turn actuator
DFPD-120-RP-180-RD-F0507 FESTO-DFPD-120-RP-180-RD-F0507 Datasheet
92Kb / 2P
Quarter turn actuator
More results

Similar Description - DFPDIV

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M33281GS-20 MITSUBISHI-M33281GS-20 Datasheet
164Kb / 2P
CMOS FLOATING-POINT PROCESSING UNIT(M32/FPU)
logo
Digital Core Design
DFP2INT DCD-DFP2INT Datasheet
120Kb / 3P
Floating Point To Integer Pipelined Converter
DFPADD DCD-DFPADD Datasheet
111Kb / 3P
Floating Point Pipelined Adder Unit
DFPCOMP DCD-DFPCOMP Datasheet
120Kb / 3P
Floating Point Comparator Unit
DFPMU DCD-DFPMU Datasheet
138Kb / 5P
Floating Point Coprocessor
DFPMUL DCD-DFPMUL Datasheet
121Kb / 3P
Floating Point Pipelined Multiplier Unit
DFPSQRT DCD-DFPSQRT Datasheet
128Kb / 3P
Floating Point Pipelined Square Root Unit
DINT2FP DCD-DINT2FP Datasheet
113Kb / 2P
Integer to Floating Point Pipelined Converter
logo
Intel Corporation
A80960KB20 INTEL-A80960KB20 Datasheet
2Mb / 44P
EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
logo
Silicon Laboratories
EFM32WG900 SILABS-EFM32WG900 Datasheet
477Kb / 27P
DSP instruction support and floating-point unit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com