Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI2CS Datasheet(PDF) 3 Page - Digital Core Design

Part # DI2CS
Description  I2C Bus Interface - Slave
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DI2CS Datasheet(HTML) 3 Page - Digital Core Design

  DI2CS Datasheet HTML 1Page - Digital Core Design DI2CS Datasheet HTML 2Page - Digital Core Design DI2CS Datasheet HTML 3Page - Digital Core Design DI2CS Datasheet HTML 4Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IMPLEM ENTATIO N
BLOCK DIAGRAM
Figure below show the typical DI2CS imple-
mentations in system with Standard/Fast and
High-speed devices.
Figure below shows the DI2CS IP Core block
diagram.
address(1:0)
datai(7:0)
datao(7:0)
rd
cs
we
rst
clk
irq
CPU
Interface
sdai
sdao
scli
sclo
Input
Filter
Output
Register
Shift
Register
Clock
Stretching
Output
Register
Input
Filter
Control
Logic
Synchronization
Logic
Send
Data
Receive
Data
Receive
Data
Control
Register
Status
Register
Own
address
detection
open drain
open drain
RP
RP
VDD
sdai
SCL
SDA
sdao
RS
RS
sclo
scli
DI2CS
Master
device
scl
RS
RS
sda
CPU Interface
– Performs the interface func-
tions between DI2CS internal blocks and mi-
croprocessor. Allows easy connection of the
core to a microprocessor/microcontroller sys-
tem.
PERFORMANCE
Control Logic
– Manages execution of all
commands sent via interface. Synchronizes
internal data flow.
The following table gives a survey about the
Core area and performance in the ALTERA®
devices after Place & Route (all key features
have been included):
Shift Register
– Controls SDA line, performs
data and address shifts during the data
transmission and reception.
Device
Speed
grade
Logic Cells
Fmax
MERCURY
-5
170
250 MHz
STRATIX
-5
170
260 MHz
CYCLONE
-6
170
220 MHz
APEX II
-7
170
270 MHz
APEX20KC
-7
170
150 MHz
APEX20KE
-1
170
120 MHz
APEX20K
-1
170
90 MHz
ACEX1K
-1
170
107 MHz
FLEX10KE
-1
170
107 MHz
MAX 7000AE
-5
83
96 MHz
MAX 3000A
-5
83
104 MHz
Control Register
– Contains five control bits
used for performing all types of I2C Bus
transmissions.
Status Register
– Contains seven status bits
that indicates state of the I2C Bus and the
DI2CS core.
Input Filter
– Performs spike filtering.
Synchronization Logic
– Performs DI2CS
core synchronization.
Core performance in ALTERA® devices
Clock Stretching
– Performs I2C SCL clock
stretching when DI2CS core is not ready for
next transmission.
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com