Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI2CSB Datasheet(PDF) 3 Page - Digital Core Design

Part # DI2CSB
Description  I2C Bus Interface Slave - Base version
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DI2CSB Datasheet(HTML) 3 Page - Digital Core Design

  DI2CSB Datasheet HTML 1Page - Digital Core Design DI2CSB Datasheet HTML 2Page - Digital Core Design DI2CSB Datasheet HTML 3Page - Digital Core Design DI2CSB Datasheet HTML 4Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
Control Logic
– Manages execution of all
commands sent via interface. Synchronizes
internal data flow.
Shift Register
– Controls SDA line, performs
data and address shifts during the data
transmission and reception.
Input Filter
– Performs spike filtering.
Synchronization Logic
– Synchronizes data
and address shifts during the data transmis-
sion and reception. SCLI spikes are filtered
by this unit.
PERFORMANCE
The following table gives a survey about the
Core area and performance in the ALTERA®
devices after Place & Route (all key features
have been included):
Device
Speed
grade
Logic Cells
Fmax
MERCURY
-5
95
220 MHz
STRATIX
-5
95
230 MHz
CYCLONE
-6
95
195 MHz
APEX II
-7
95
220 MHz
APEX20KC
-7
95
170 MHz
APEX20KE
-1
95
130 MHz
APEX20K
-1
95
94 MHz
ACEX1K
-1
95
99 MHz
FLEX10KE
-1
95
95 MHz
MAX 7000AE
-4
50
107 MHz
MAX 3000A
-4
50
107 MHz
MAX II
-3
75
154 MHz
Core performance in ALTERA® devices
The main features of each Digital Core Design I2C compliant cores have been summarized in table
below. It gives a briefly member characterization helping user to select the most suitable IP Core
for its application.
Design
DI2CM
2.1
-
-
DI2CS
2.1
-
-
-
-
DI2CSB
2.1
-
-
-
-
-
-
-
I
2C cores summary table



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com