Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMAC Datasheet(PDF) 3 Page - Digital Core Design

Part # DMAC
Description  Media Access Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DMAC Datasheet(HTML) 3 Page - Digital Core Design

  DMAC Datasheet HTML 1Page - Digital Core Design DMAC Datasheet HTML 2Page - Digital Core Design DMAC Datasheet HTML 3Page - Digital Core Design DMAC Datasheet HTML 4Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
BLOCK DIAGRAM
Figure below shows the DMAC IP Core block
diagram.
Receive
module
Synchronization
logic
txclk
crs
col
Transmit
module
txdata(3:0)
txen
txer
rxclk
rxdv
clk
rst
rdcs
rd
wr
wraddr(4:0)
datai(31:0)
Control &
I/O logic
irq
TX RAM interface
TX RAM pins
RX FIFO
RX RAM pins
STA
mdi
mdc
mdo
mdoe
docdbusctrl
be(3:0)
rxer
rxdata(3:0)
datao(31:0)
wrcs
rdaddr(4:0)
Transmit module
– Performs transmit man-
agement functions, sends frames to Ethernet
medium.
Receive module
– is responsible for receiv-
ing frames from the Ethernet. Provides nec-
essary functions for frame decapsulation,
CRC checking, address recognizing and error
detection.
Synchronization logic
– There are 3 clock
domains in the DMAC core. This module per-
forms synchronization between these.
TX RAM / RX FIFO RAM interfaces
– Inter-
faces to external dual port memories used by
the DMAC core to store received and trans-
mitted frames.
Control and I/O logic
– This module pro-
vides interface to CPU/BUS. It exchanges
data and control logic with transmit and re-
ceive modules, thus controls these to perform
transmit and receive operations.
STA
– Station Management entity provides
capability to communicate with PHY by sim-
ple serial management interface.
PERFORMANCE
The following table gives a survey about the
Core area and performance in the ALTERA®
devices after Place & Route (all key features
have been included):
Fmax [MHz]
Device
Speed
grade
Logic Cells
clk / rxclk / txclk
STRATIX II
-3
967 + 4 kB RAM 211 / 200 / 175
CYCLONE II
-6
1222 + 4 kB RAM 150 / 156 / 152
STRATIX GX
-5
1255 + 4 kB RAM 152 / 156 / 138
STRATIX
-5
1255 + 4 kB RAM 162 / 147 / 137
CYCLONE
-6
1254 + 4 kB RAM 148 / 133 / 133
APEX II
-7
1622 + 4 kB RAM 145 / 106 / 111
APEX20KC
-7
1622 + 4 kB RAM 127 / 118 / 117
APEX20KE
-1
1622 + 4 kB RAM 108 / 99 / 111
APEX20K
-1
1622 + 4 kB RAM
86 / 87 / 88
Core performance in ALTERA® devices



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com