Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8051XP Datasheet(PDF) 2 Page - Digital Core Design

Part # DP8051XP
Description  Pipelined High Performance 8-bit Microcontroller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP8051XP Datasheet(HTML) 2 Page - Digital Core Design

  DP8051XP Datasheet HTML 1Page - Digital Core Design DP8051XP Datasheet HTML 2Page - Digital Core Design DP8051XP Datasheet HTML 3Page - Digital Core Design DP8051XP Datasheet HTML 4Page - Digital Core Design DP8051XP Datasheet HTML 5Page - Digital Core Design DP8051XP Datasheet HTML 6Page - Digital Core Design DP8051XP Datasheet HTML 7Page - Digital Core Design DP8051XP Datasheet HTML 8Page - Digital Core Design DP8051XP Datasheet HTML 9Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
●
●
●
●
●
●
○
○
○
○
○
○
○
○
○
●
○
○
○
●
○
○
○
●
○
○
●
○
○
○
●
○
○
○
○
●
○
○
○
○
○
○
○
●
○
○
○
○
○
○
●
○
○
○
○
○
●
●
○
○
○
○
○
○
○
●
○
○
○
○
●
○
○
○
○
○
○
http://www.DigitalCoreDesign.com
http://www.dcd.pl
PERIPHERALS
Dedicated signal for Program Memory
writes.
Interface for additional Special Function
Registers
Fully synthesizable, static synchronous
design with positive edge clocking and no
internal tri-states
Scan test ready
2.0 GHz virtual
clock frequency in a 0.25u
technological process
DoCD™ debug unit
Processor execution control
Run
Halt
Step into instruction
Skip instruction
Read-write all processor contents
Program Counter (PC)
Program Memory
Internal (direct) Data Memory
Special Function Registers (SFRs)
External Data Memory
Code execution breakpoints
one real-time PC breakpoint
unlimited number of real-time OPCODE break-
points
Hardware execution watch-point
one at Internal (direct) Data Memory
one at Special Function Registers (SFRs)
one at External Data Memory
Hardware watch-points activated at a certain
address by any write into memory
address by any read from memory
address by write into memory a required data
address by read from memory a required data
Unlimited number of software watch-points
Internal (direct) Data Memory
Special Function Registers (SFRs)
External Data Memory
Unlimited number of software breakpoints
Program Memory(PC)
Automatic adjustment of debug data transfer
speed rate between HAD and Silicon
JTAG Communication interface
Power Management Unit
Power management mode
Switchback feature
Stop mode
Extended Interrupt Controller
2 priority levels
Up to 7 external interrupt sources
Up to 8 interrupt sources from peripherals
Four 8-bit I/O Ports
Bit addressable data direction for each line
Read/write of single line and 8-bit group
Three 16-bit timer/counters
Timers clocked by internal source
Auto reload 8/16-bit timers
Externally gated event counters
Full-duplex serial port
Synchronous mode, fixed baud rate
8-bit asynchronous mode, fixed baud rate
9-bit asynchronous mode, fixed baud rate
9-bit asynchronous mode, variable baud rate
I2C bus controller - Master
7-bit and 10-bit addressing modes
NORMAL, FAST, HIGH speeds
Multi-master systems supported
Clock arbitration and synchronization
User defined timings on I2C lines
Wide range of system clock frequencies
Interrupt generation
I2C bus controller - Slave
NORMAL speed 100 kbs
FAST speed 400 kbs
HIGH speed 3400 kbs
Wide range of system clock frequencies
User defined data setup time on I2C lines
Interrupt generation
SPI – Master and Slave Serial Peripheral
Interface
Supports speeds up ¼ of system clock
Mode fault error
Write collision error
Four transfer formats supported
System errors detection
Allows operation from a wide range of system
clock frequencies (build-in 5-bit timer)
Interrupt generation
Programmable Watchdog Timer
16-bit Compare/Capture Unit
Events capturing
Pulses generation
Digital signals generation
Gated timers
Sophisticated comparator
Pulse width modulation
Pulse width measuring
Fixed-Point arithmetic coprocessor
Multiplication - 16bit * 16bit
Multiplication - 32bit * 32bit
Division - 32bit / 32bit
Division - 16bit / 16bit
Floating-Point
arithmetic
coprocessor
IEEE-754 standard single precision
FADD, FSUB - addition, subtraction
FMUL, FDIV- multiplication, division
FSQRT- square root
FUCOM - compare
FCHS - change sign
FABS - absolute value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com