Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3000 Datasheet(PDF) 21 Page - Analog Devices

Part # ADV3000
Description  3:1 HDMI/DVI Switch with Equalization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3000 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADV3000 Datasheet HTML 17Page - Analog Devices ADV3000 Datasheet HTML 18Page - Analog Devices ADV3000 Datasheet HTML 19Page - Analog Devices ADV3000 Datasheet HTML 20Page - Analog Devices ADV3000 Datasheet HTML 21Page - Analog Devices ADV3000 Datasheet HTML 22Page - Analog Devices ADV3000 Datasheet HTML 23Page - Analog Devices ADV3000 Datasheet HTML 24Page - Analog Devices ADV3000 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ADV3000
Rev. 0 | Page 21 of 28
APPLICATION INFORMATION
Figure 31. Layout of the TMDS Traces on the ADV3000 Evaluation Board (Only Top Signal Routing Layer is Shown)
The ADV3000 is an HDMI/DVI switch, featuring equalized
TMDS inputs and pre-emphasized TMDS outputs. It is intended
for use as a 3:1 switch in systems with long cable runs on both
the input and/or the output, and is fully HDMI 1.3 receive-
compliant.
PINOUT
The ADV3000 is designed to have an HDMI/DVI receiver
pinout at its input and a transmitter pinout at its output. This
makes the ADV3000 ideal for use in AVR-type applications
where a designer routes both the inputs and the outputs directly
to HDMI/DVI connectors, as shown in Figure 31. When the
ADV3000 is used in receiver type applications, it is necessary to
change the order of the output pins on the PCB to align with the
on-board receiver.
One advantage of the ADV3000 in an AVR-type application is
that all of the high speed signals can be routed on one side (the
topside) of the board, as shown in Figure 31. In addition to
12 dB of input equalization, the ADV3000 provides up to 6 dB
of output pre-emphasis that boosts the output TMDS signals
and allows the ADV3000 to precompensate when driving long
PCB traces or output cables. The net effect of the input
equalization and output pre-emphasis of the ADV3000 is that
the ADV3000 can compensate for the signal degradation of
both input and output cables; it acts to reopen a closed input
data eye and transmit a full swing HDMI signal to an end
receiver. More information on the specific performance metrics
of the ADV3000 can be found in the Typical Performance
Characteristics section.
The ADV3000 also provides a distinct advantage in receive-type
applications because it is a fully buffered HDMI/DVI switch.
Although inverting the output pin order of the ADV3000 on the
PCB requires a designer to place vias in the high speed signal
path, the ADV3000 fully buffers and electrically decouples the
outputs from the inputs. Therefore, the effects of the vias placed
on the output signal lines are not seen at the input of the ADV3000.
The programmable output terminations also improve signal
quality at the output of the ADV3000. The PCB designer therefore
has significantly improved flexibility in the placement and
routing of the output signal path with the ADV3000 over other
solutions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com