Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3688 Datasheet(PDF) 2 Page - ams AG

Part # AS3688
Description  Flexible Lighting Management (Charge Pump, DCDC Step Up, CurrentSink, ADC, LDO)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3688 Datasheet(HTML) 2 Page - ams AG

  AS3688 Datasheet HTML 1Page - ams AG AS3688 Datasheet HTML 2Page - ams AG AS3688 Datasheet HTML 3Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AS3688
austriami crosyst ems
Preliminary Product Brief, Confidential
www.austriamicrosystems.com (ptr)
Revision 0.1 / 20051205
2 - 3
4
Block Diagram
Figure
1 – Application Diagram of the AS3688: Option shown: Step up DCDC converter, RGB Current Sinks
Step Up DC/DC
Converter
C9
4.7µF
C10
1.5nF
Q1
SENSE_N
(CURR43)
DCDC_GATE
DCDC_FB
(CURR41)
R3
1M
R4
100k
C11
15nF
C2
1µF
R2
Battery
SENSE_P
(CURR42)
Charge Pump
1:1, 1:1.5, 1:2
400mA / 900mA
Battery
VBAT1
VBAT2
C2_P
C5
2.2µF
C6
2.2µF
C2_N
C1_P
C7
2.2µF
C1_N
CPOUT
D3
D4
D5
C8
2.2µF
CURR30
CURR31
CURR32
Current Sinks
each 0.6-300mA
D7
D8
D9
D10
D12
D11
White LEDs,
Backlight
CURR1
CURR2
Current Sinks
each 0.15-38.5mA
Serial
Interface
R5
1-10k
VDD_GPIO
CLK
CLK
DATA
GPIO/
ADC
V2_5
GPIO0 GPIO1
GPIO2
GPI
VDD_GPIO
LDO VANA1
1.85-3.4V
150mA
References
and
Temperature
Supervision
C4
1µF
C3
2.2µF
C1
100nF
R1
220k
LDO VANA1
e.g. 2.8V
Battery
VBAT3
VANA1
V2_5
RBIAS
CREF
RGB1
RGB2
RGB3 (VANA2)
Current Sinks
0.15-38.5mA
OLED
Charge Pump
(Alternative Function)
Battery or CPOUT
D13,D14,D15
D1
L1
10µH
DATA
AS3688 Lighting
Management
Unit
8Bit PWM
Generator
Automatic Dimming
and LED Pattern
Generator
Vtemp
Strobe
Preview
Timer
3 x 0.15-38.5mA
Current Sinks
(Alternative Function)
CURR33
D6
LDO VANA2
1.85-3.4V
150mA
C12
2.2µF
LDO VANA2
e.g. 2.8V
LED
Test
R6



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com