Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3689 Datasheet(PDF) 2 Page - ams AG

Part # AS3689
Description  Flexible Lighting Management (Charge Pump, DCDC Step Up, CurrentSink, ADC, LDO)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3689 Datasheet(HTML) 2 Page - ams AG

  AS3689 Datasheet HTML 1Page - ams AG AS3689 Datasheet HTML 2Page - ams AG AS3689 Datasheet HTML 3Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AS3689
austriami crosyst ems
Preliminary Product Brief, Confidential
www.austriamicrosystems.com (ptr)
Revision 1.0 / 20051205
2 - 3
4
Block Diagram
Figure
1 – Application Diagram of the AS3689
Step Up DC/DC
Converter
C9
4.7µF
C10
1.5nF
Q1
SENSE_N
DCDC_GATE
DCDC_FB
R3
1M
R4
100k
C11
15nF
C2
1µF
R2
Battery
SENSE_P
Charge Pump
1:1, 1:1.5, 1:2
400mA
Battery
VBAT1
C2_P
C5
1µF
C6
1µF
C2_N
C1_P
C7
1µF
C1_N
CPOUT
D2
D3
D4
C8
2.2µF
CURR30
CURR31
CURR32
Current Sinks
each 0.6-37.8mA
D8
D9
D10
D12
D11
CURR1
CURR2
HV Current Sinks
each 0.15-38.5mA
Serial
Interface
R5
1-10k
VDD_GPIO
CLK
CLK
DATA
GPIO/
ADC
V2_5
GPIO
GPI
VDD_GPIO
References
and
Temperature
Supervision
C4
1µF
R1
220k
Battery
VBAT2
V2_5
RBIAS
RGB1
RGB2
RGB3 (VANA)
Current Sinks
0.156-40mA
OLED
Charge Pump
(Alternative Function)
Battery or CPOUT
D17,D18,D19
D1
L1
10µH
DATA
AS3689
Lighting
Management
Unit
8Bit PWM
Generator
Automatic Dimming
and LED Pattern
Generator
Vtemp
Strobe
Timer
CURR33
D5
C12
2.2µF
LDO VANA
e.g. 2.8V
LDO
1.85-3.4V 150mA
(Alternative Function)
CURR41
CURR42
CURR43
VSS_CP
Current Sinks
0.15-38.5mA
D13
D15
D14
D16
CURR6
D20,D21,D22
Current Sinks
each 0.15-38.5mA
D6
D7
CURR51
CURR52
RGB1
RGB2
VSS
VSS
R6
Battery or
CPOUT
LED
Test



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com