Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3693A Datasheet(PDF) 1 Page - ams AG

Part # AS3693A
Description  16 channel high precision LED driver for LCD backlight
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3693A Datasheet(HTML) 1 Page - ams AG

  AS3693A Datasheet HTML 1Page - ams AG AS3693A Datasheet HTML 2Page - ams AG AS3693A Datasheet HTML 3Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AS3693AA
Product Brief
www.austriamicrosystems.com (mpa)
Revision 1.0 / 2007-11-25
1 - 3
1
General Description
The AS3693A is a 16 cannels high precision LED
driver with build in PWM generators for building
backlight panels in LCD-TV-sets.
External clock and synchronizing inputs allow the
synchronization of the LCD backlight with the TV
picture. Local dimming and scan dimming is
supported by 16 independent PWM generators with
programmable delay, period and duty cycle. Three
free configurable dynamic power feedback circuits
make the device usable for white LED as well as
RGB backlights. Build in safety features include
thermal shutdown as well as open and short LED
detection. All circuit parameters are programmable
via I2C or SPI interface.
2
Key Features
16 independent LED channels
Output current 70mA
Output voltage up to 50V
Absolute current accuracy ±0.5%
Output slew rate limited to reduce EMI
Current programmable with external resistor
16 independent PWM generators with 12 bit
resolution
H-Sync, F-Sync inputs to synchronize with TV-
set
Three independent power feedback for R-, G-,
B-supply regulation
Build in 5V shunt regulator
I2C or SPI interface with 6 bit address
Fault interrupt output
Open LED detection
Short LED detection
Temperature shutdown
Package epTQFP64
3
Application
LED Backlighting for LCD – TV Sets and Monitors
AS3693A
16 channel high precision LED driver for LCD backlight
Product Brief


Similar Part No. - AS3693A

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3693B AMSCO-AS3693B Datasheet
3Mb / 33P
16 Channel high precision LED driver for LCD Backlight
AS3693B-ZMFT AMSCO-AS3693B-ZMFT Datasheet
3Mb / 33P
16 Channel high precision LED driver for LCD Backlight
AS3693B-ZQFT AMSCO-AS3693B-ZQFT Datasheet
3Mb / 33P
16 Channel high precision LED driver for LCD Backlight
AS3693B-ZTQT AMSCO-AS3693B-ZTQT Datasheet
3Mb / 33P
16 Channel high precision LED driver for LCD Backlight
AS3693B1 AMSCO-AS3693B1 Datasheet
4Mb / 34P
16 Channel high precision LED driver for LCD Backlight
More results

Similar Description - AS3693A

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
DIT8545 INTERPION-DIT8545 Datasheet
188Kb / 8P
Ceratrans Driver for LCD Backlight
logo
ams AG
AS3694 AMSCO-AS3694 Datasheet
72Kb / 3P
12 channel high precision LED driver for LCD backlight and 3 DCDC Step Up controller
logo
Allegro MicroSystems
A8507 ALLEGRO-A8507 Datasheet
600Kb / 16P
LED Backlight Driver for LCD Monitors and Televisions
logo
ams AG
AS3693C-ZTQT AMSCO-AS3693C-ZTQT Datasheet
1Mb / 30P
AS3693C?? Channel high precision LED driver for LCD Backlight
AS3693B AMSCO-AS3693B Datasheet
3Mb / 33P
16 Channel high precision LED driver for LCD Backlight
AS3693B1 AMSCO-AS3693B1 Datasheet
4Mb / 34P
16 Channel high precision LED driver for LCD Backlight
AS3695A AMSCO-AS3695A Datasheet
2Mb / 34P
16 channel white LED driver for LCD backlight
AS3695C AMSCO-AS3695C Datasheet
2Mb / 40P
16 channel white LED controller for LCD backlight
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
logo
Dialog Semiconductor
AS3820 DIALOG-AS3820 Datasheet
2Mb / 52P
16-Channel White LED Controller for LCD Backlight
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com