Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3694 Datasheet(PDF) 1 Page - ams AG

Part # AS3694
Description  12 channel high precision LED driver for LCD backlight and 3 DCDC Step Up controller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3694 Datasheet(HTML) 1 Page - ams AG

  AS3694 Datasheet HTML 1Page - ams AG AS3694 Datasheet HTML 2Page - ams AG AS3694 Datasheet HTML 3Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AS3694
Product Brief
www.austriamicrosystems.com (mpa)
Revision 1.1 / 2007-11-25
1 - 3
1
General Description
The AS3694 is a 12 cannels high precision LED
driver with build in PWM generators for building
backlight panels in LCD-TV-sets. 3 DCDC Step Up
controllers can be used to build the power supplies
for red, green and blue LED strings.
External clock and synchronizing inputs allow the
synchronization of the LCD backlight with the TV
picture. Local dimming and scan dimming is
supported by 12 independent PWM generators with
programmable delay, period and duty cycle. Three
free configurable dynamic power feedback circuits
make the device usable for white LED as well as
RGB backlights. Build in safety features include
thermal shutdown as well as open and short LED
detection. All circuit parameters are programmable
via I2C or SPI interface.
2
Key Features
12 independent LED channels
Output current 70mA
Output voltage up to 50V
Absolute current accuracy ±0.5%
Output slew rate limited to reduce EMI
Current programmable with external resistor
12 independent PWM generators with 12 bit
resolution
H-Sync, F-Sync inputs to synchronize with TV-
set
Three independent power feedback for R-, G-,
B-supply regulation
Build in 5V shunt regulator
I2C or SPI interface with 6 bit address
Fault interrupt output
Open LED detection
Short LED detection
Temperature shutdown
3 DCDC Step Up controller
Current mode
Efficiency > 90%
Input voltage range 15V to 50V
Output voltage up to 50V / 200mA
Package epTQFP64
3
Application
LED Backlighting for LCD – TV Sets and Monitors
AS3694
12 channel high precision LED driver for LCD backlight and
3 DCDC Step Up controller
Product Brief


Similar Part No. - AS3694

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3691 AMSCO-AS3691 Datasheet
181Kb / 3P
4 Precision 400mA Current Sources for RGB and Single Color Leds
AS3691 AMSCO-AS3691 Datasheet
1Mb / 23P
4 Precision 400mA Current Sources for RGB and Single Color Leds
AS3691A-ZQFP AMSCO-AS3691A-ZQFP Datasheet
559Kb / 22P
4 Precision 400mA Current Sources for RGB and Single Color Leds
AS3691A-ZQFP AMSCO-AS3691A-ZQFP Datasheet
1Mb / 23P
4 Precision 400mA Current Sources for RGB and Single Color Leds
AS3691A-ZQFT AMSCO-AS3691A-ZQFT Datasheet
559Kb / 22P
4 Precision 400mA Current Sources for RGB and Single Color Leds
More results

Similar Description - AS3694

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3693A AMSCO-AS3693A Datasheet
71Kb / 3P
16 channel high precision LED driver for LCD backlight
AS3693C-ZTQT AMSCO-AS3693C-ZTQT Datasheet
1Mb / 30P
AS3693C?? Channel high precision LED driver for LCD Backlight
logo
Global Mixed-mode Techn...
G5997 GMT-G5997 Datasheet
188Kb / 2P
Step-up Controller for 12 Strings 60mA White LED Driver
logo
ams AG
AS3693B AMSCO-AS3693B Datasheet
3Mb / 33P
16 Channel high precision LED driver for LCD Backlight
AS3693B1 AMSCO-AS3693B1 Datasheet
4Mb / 34P
16 Channel high precision LED driver for LCD Backlight
AS3695C AMSCO-AS3695C Datasheet
2Mb / 40P
16 channel white LED controller for LCD backlight
logo
Will Semiconductor Ltd.
WD3132 WILLSEMI-WD3132 Datasheet
753Kb / 13P
High Efficiency, 38V Step-Up White LED Driver for Medium LCD Panel Backlight
logo
Dialog Semiconductor
AS3820 DIALOG-AS3820 Datasheet
2Mb / 52P
16-Channel White LED Controller for LCD Backlight
logo
ams AG
AS3822 AMSCO-AS3822 Datasheet
125Kb / 2P
8 channel white LED controller for LCD backlight
6??2??7
AS3823 AMSCO-AS3823 Datasheet
123Kb / 2P
6-channel white LED controller for LCD backlight
6??2??7
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com