Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX4100A Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPX4100A
Description  INTEGRATED PRESSURE SENSOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX4100A Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPX4100A Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX4100A Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX4100A Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX4100A Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX4100A Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX4100A Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX4100A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX4100A Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX4100A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MPX4100
Sensors
4
Freescale Semiconductor
Figure 2. Cross-Sectional Diagram (Not to Scale)
Figure 3. Recommended Power Supply Decoupling
(For output filtering recommendations, refer to Application Note AN1646.)
Figure 2 illustrates an absolute sensing chip in the basic
chip carrier (Case 867). A fluorosilicone gel isolates the die
surface and wire bonds from the environment, while allowing
the pressure signal to be transmitted to the sensor
diaphragm. The MPX4100A series pressure sensor
operating characteristics, and internal reliability and
qualification tests are based on use of dry air as the pressure
media. Media, other than dry air, may have adverse effects on
sensor performance and long-term reliability. Contact the
factory for information regarding media compatibility in your
application.
Figure 4 shows the sensor output signal relative to
pressure input. Typical, minimum, and maximum output
curves are shown for operation over a temperature range of
0° to 85°C. (The output will saturate outside of the specified
pressure range.)
Figure 4. Output versus Absolute Pressure
Fluoro Silicone
Gel Die Coat
Die
P1
Metal Cover
Epoxy Plastic
Case
Absolute Element
P2
Lead Frame
Wire Bond
Die
Bond
Stainless Steel
Sealed Vacuum Reference
IPS
1
2
3
OUTPUT
1.0 µF
0.01 µF
+5.0 V
Transfer Function:
VOUT = Vs* (.01059*P-.152) ± Error
VS = 5.1 Vdc
Pressure (ref. to sealed vacuum) in kPa
MAX
TYP
MIN
5.0
4.5
3.5
4.0
3.0
2.5
2.0
1.5
1.0
0
0.5
TEMP = 0 to 85°C
20 kPa TO 105 kPa
MPX4100A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com