Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6008SA Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AM6008SA
Description  N-Ch 100V Fast Switching MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AM6008SA Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AM6008SA Datasheet HTML 1Page - AXElite technology co. ltd AM6008SA Datasheet HTML 2Page - AXElite technology co. ltd AM6008SA Datasheet HTML 3Page - AXElite technology co. ltd AM6008SA Datasheet HTML 4Page - AXElite technology co. ltd AM6008SA Datasheet HTML 5Page - AXElite technology co. ltd AM6008SA Datasheet HTML 6Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/6
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.0 Apr.29, 2019
AM6008S
ORDER/MARKING INFORMATION
Order Information
Top Marking
Package Type
S: SOP-8L
AM6008 X X
Packing
A : Taping
Blank : Tube
AM6
Logo
Part number
ID code: internal
WW: 01~52
Year: 10=2010
11=2011
Y Y W W X
0 0 8
:
:
19=2019
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
100
V
VGS
Gate-Source Voltage
±20
V
ID@TA=25℃
Continuous Drain Current
1
13.5
A
ID@TA=70℃
Continuous Drain Current
1
10.5
A
IDM
Pulsed Drain Current
2
55
A
EAS
Single Pulse Avalanche Energy
3
33
mJ
IAS
Avalanche Current
15
A
PD@TA=25℃
Total Power Dissipation
4
3.1
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Thermal Data
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient
1(t≦10s)
---
40
℃/W
Thermal Resistance Junction-Ambient
1
---
75
℃/W
RθJC
Thermal Resistance Junction-Case
1
---
24
℃/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com