Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX1250ESA Datasheet(PDF) 5 Page - AXElite technology co. ltd

Part # AX1250ESA
Description  2A Sink/Source Bus Termination Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1250ESA Datasheet(HTML) 5 Page - AXElite technology co. ltd

  AX1250ESA Datasheet HTML 1Page - AXElite technology co. ltd AX1250ESA Datasheet HTML 2Page - AXElite technology co. ltd AX1250ESA Datasheet HTML 3Page - AXElite technology co. ltd AX1250ESA Datasheet HTML 4Page - AXElite technology co. ltd AX1250ESA Datasheet HTML 5Page - AXElite technology co. ltd AX1250ESA Datasheet HTML 6Page - AXElite technology co. ltd AX1250ESA Datasheet HTML 7Page - AXElite technology co. ltd AX1250ESA Datasheet HTML 8Page - AXElite technology co. ltd AX1250ESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.6 Sep.20, 2019
AX1250ES
Thermal Considerations
The AX1250ES series can deliver a current of up to 2A over the full operating
junction temperature range. However, the maximum output current must be dated at
higher ambient temperature to ensure the junction temperature does not exceed 125°C.
With all possible conditions, the junction temperature must be within the range specified
under operating conditions. Power dissipation can be calculated based on the output
current and the voltage drop across regulator.
PD = (VIN - VOUT) × IOUT+ VIN × IQ
The final operating junction temperature for any set of conditions can be estimated
by the following thermal equation:
PD (MAX) = (TJ (MAX) - TA) / θJA
Where TJ (MAX) is the maximum junction temperature of the die (125°C) and TA is the
maximum ambient temperature. The junction to ambient thermal resistance (θJA) for
SOP-8L-EP (Exposed pad) package at recommended minimum footprint is 40°C/W on 1.5
in2 and Multi-layer PCB layout. The maximum power dissipation at TA = 25°C can be
calculated by following formula:
PD (MAX) = (125°C - 25°C) / 40°C/W = 2.5W
The thermal resistance θJA of SOP-8L-EP (Exposed Pad) is determined by the
package design and the PCB design. However, the package design has been decided. If
possible, it's useful to increase thermal performance by the PCB design. The thermal
resistance can be decreased by adding copper under the expose pad of SOP-8L-EP
package. We have to consider the copper couldn't stretch infinitely and avoid the tin
overflow.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com