Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2002 Datasheet(PDF) 1 Page - AXElite technology co. ltd

Part # AX2002
Description  2A, 0.25V Feedback Voltage Step Down Switching Regulators for LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX2002 Datasheet(HTML) 1 Page - AXElite technology co. ltd

  AX2002 Datasheet HTML 1Page - AXElite technology co. ltd AX2002 Datasheet HTML 2Page - AXElite technology co. ltd AX2002 Datasheet HTML 3Page - AXElite technology co. ltd AX2002 Datasheet HTML 4Page - AXElite technology co. ltd AX2002 Datasheet HTML 5Page - AXElite technology co. ltd AX2002 Datasheet HTML 6Page - AXElite technology co. ltd AX2002 Datasheet HTML 7Page - AXElite technology co. ltd AX2002 Datasheet HTML 8Page - AXElite technology co. ltd AX2002 Datasheet HTML 9Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.19 Jul.20, 2020
AX2002
2A, 0.25V Feedback Voltage Step-Down
Switching Regulators for LED Driver
GENERAL DESCRIPTION
AX2002 consists of step-down switching regulator with PWM control. These devise
include a reference voltage source, oscillation circuit, error amplifier, internal PMOS and
etc.
AX2002 provides low-ripple power, high efficiency, and excellent transient
characteristics. The PWM control circuit is able to the duty ratio linearly from 0 up to 100%.
An enable function, an over current protect function and short circuit protect function are
built inside, and when OCP or SCP happens, the operation frequency will be reduced. Also,
an internal compensation block is built in to minimum external component count.
With the addition of an internal P-channel Power MOS, a coil, capacitors, and a diode
connected externally, these ICs can function as step-down switching regulators. They serve
as ideal power supply units for portable devices when coupled with the SOP-8L package,
providing such outstanding features as low current consumption. Since this converter can
accommodate an input voltage up to 23V, it is also suitable for the operation via an AC
adapter.
FEATURES
-
Input voltage:3.6V to 23V
-
Output voltage:0.25V to VCC
-
LED Backlight and High Power LED Application
-
Duty ratio:0% to 100% PWM control
-
Oscillation frequency:330KHz typ.
-
Enable/Disable function.
-
Current Limit (CL), Thermal Shutdown and Short Circuit Protections (SCP).
-
Built-in internal SW P-channel MOS.
-
No output capacitor is stable.
-
SOP-8L Pb-Free package.
-
RoHS and Halogen free compliance


Similar Part No. - AX2002

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AX200 INTEL-AX200 Datasheet
177Kb / 3P
Nearly 40% higher peak data rates and up to 4x capacity
logo
Microsemi Corporation
AX2000 MICROSEMI-AX2000 Datasheet
13Mb / 262P
Axcelerator Family FPGAs
AX2000 MICROSEMI-AX2000 Datasheet
13Mb / 262P
Axcelerator Family FPGAs
logo
Actel Corporation
AX2000-1BG896 ACTEL-AX2000-1BG896 Datasheet
2Mb / 226P
Axcelerator Family FPGAs
AX2000-1BG896B ACTEL-AX2000-1BG896B Datasheet
2Mb / 226P
Axcelerator Family FPGAs
More results

Similar Description - AX2002

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM2574 GAMMA-GM2574 Datasheet
130Kb / 8P
1.5A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM2576 GAMMA-GM2576 Datasheet
154Kb / 9P
2A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7109 GAMMA-GM7109 Datasheet
153Kb / 9P
150KHz, 2A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
List of Unclassifed Man...
LA8303 ETC-LA8303 Datasheet
503Kb / 20P
300KHz, 2A/23V Step-Down LED Driver
Jun. 11, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com