Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2003S Datasheet(PDF) 5 Page - AXElite technology co. ltd

Part # AX2003S
Description  3A, 0.25V Feedback Voltage Step Down Switching Regulators for LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX2003S Datasheet(HTML) 5 Page - AXElite technology co. ltd

  AX2003S Datasheet HTML 1Page - AXElite technology co. ltd AX2003S Datasheet HTML 2Page - AXElite technology co. ltd AX2003S Datasheet HTML 3Page - AXElite technology co. ltd AX2003S Datasheet HTML 4Page - AXElite technology co. ltd AX2003S Datasheet HTML 5Page - AXElite technology co. ltd AX2003S Datasheet HTML 6Page - AXElite technology co. ltd AX2003S Datasheet HTML 7Page - AXElite technology co. ltd AX2003S Datasheet HTML 8Page - AXElite technology co. ltd AX2003S Datasheet HTML 9Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/9
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.9 Jul.20, 2020
AX2003
(2) Add 4.7uF Output Capacitor
VOUT
U1
AX2003
1
2
3
4
5
6
7
8
FB
EN
COMP
VCC
SW
SW
VSS
VSS
D2
LED
R2
C5
L1
D5
B240A
R5
C2
AC
12V IN
AC D4
AC D3
AC D2
AC D1
C3
0.1u
C1
4.7u
C4
100R
100n
ILED
R2
C2
C4
L1
350mA
0.715Ω
87.5mW
100uF
10nF
33uH
750mA
0.333Ω
189mW
220uF
1000mA
0.250Ω
250mW
330uF
FUNCTION DESCRIPTIONS
PWM Control
The AX2003 consists of DC/DC converters that employ a pulse-width modulation
(PWM) system. In converters of the AX2003, the pulse width varies in a range from 0 to
100%, according to the load current. The ripple voltage produced by the switching can
easily be removed through a filter because the switching frequency remains constant.
Therefore, these converters provide a low-ripple power over broad ranges of input voltage
and load current.
Setting the ILED Current
Application circuit item shows the basic application circuit with AX2003 adjustable
output version. The external resistor sets the LED output current according to the following
equation:
2
25
.
0
R
V
I LED



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com