Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2016CA Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX2016CA
Description  40V, 1.7A Boost for 10 White LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX2016CA Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX2016CA Datasheet HTML 1Page - AXElite technology co. ltd AX2016CA Datasheet HTML 2Page - AXElite technology co. ltd AX2016CA Datasheet HTML 3Page - AXElite technology co. ltd AX2016CA Datasheet HTML 4Page - AXElite technology co. ltd AX2016CA Datasheet HTML 5Page - AXElite technology co. ltd AX2016CA Datasheet HTML 6Page - AXElite technology co. ltd AX2016CA Datasheet HTML 7Page - AXElite technology co. ltd AX2016CA Datasheet HTML 8Page - AXElite technology co. ltd AX2016CA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Sep.27, 2019
AX2016
BLOCK DIAGRAM
VCC
SW
Control and
Driver Logic
EN
Reference
1.238V
Soft Start
Current
Sense
Slope
Compensation
Oscillator
1MHz
FB
Error Amplifier
Summing
Comparator
Thermal
Shutdown
Enable
Logic
GND
N-MOS
10ms
300mV
Shutdown
OVP
OV
UVLO
PIN ASSIGNMENT
The package of AX2016 is SOT-23-6L; the pin assignment is given by:
(Top View)
SOT-23-6L
3
2
6
4
1
GND
VCC
SW
OV
5
FB
EN
Name
Description
SW Switch Output Pin
GND Ground Pin
FB
Feedback Pin; Put a Resistor to GND
to Setting the Current
EN
Enable with Dimming Pin; Internal
Floating; Logic High Active
OV
OVP Sense Pin
VCC Power Input Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com