Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6901 Datasheet(PDF) 6 Page - AXElite technology co. ltd

Part # AX6901
Description  3-Pin Microprocessor Reset Circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6901 Datasheet(HTML) 6 Page - AXElite technology co. ltd

Back Button AX6901 Datasheet HTML 2Page - AXElite technology co. ltd AX6901 Datasheet HTML 3Page - AXElite technology co. ltd AX6901 Datasheet HTML 4Page - AXElite technology co. ltd AX6901 Datasheet HTML 5Page - AXElite technology co. ltd AX6901 Datasheet HTML 6Page - AXElite technology co. ltd AX6901 Datasheet HTML 7Page - AXElite technology co. ltd AX6901 Datasheet HTML 8Page - AXElite technology co. ltd AX6901 Datasheet HTML 9Page - AXElite technology co. ltd AX6901 Datasheet HTML 10Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.9 Mar. 21, 2011
AX6901/2/3/4
Ensuring a Valid Reset Output Down to VCC = 0
RESET
is guaranteed to be a logic low for VCC > 1.0V. Once VCC exceeds the reset
threshold, an internal timer keepsRESET low for the reset timeout period; after this interval,
RESET
goes high. If a brownout condition occurs (VCC dips below the reset threshold),
RESET
goes low. Any time VCC goes below the reset threshold, the internal timer resets
to zero, and RESET goes low. The internal timer starts after VCC returns above the reset
threshold, and RESET remains low for the reset timeout period.
When VCC falls below 1.0V, theAX6901/3 RESET output no longer sinks current—it
becomes an open circuit. Therefore, high-impedance CMOS logic inputs connected
toRESET can drift to undetermined voltages.
This presents no problem in most applications since most µP and other circuitry is
inoperative with VCC below 1.0V. However, in applications where RESET must be valid
down to 0V, adding a pull down resistor toRESET causes any stray leakage currents to flow
to ground, holding RESET low. R1’s value is not critical; 100k is large enough not to load
RESET
and small enough to pull RESET to ground. For theAX6902/4 if RESET is
required to remain valid for VCC < 1.0V.
Benefits of Highly Accurate Reset Threshold
Most µP supervisor ICs has reset threshold voltages between 5% and 10% below the
value of nominal sup-ply voltages. This ensures a reset will not occur within 5% of the
nominal supply, but will occur when the supply is 10% below nominal. When using ICs rated
at only the nominal supply ±5%, this leaves a zone of uncertainty where the supply is
between 5% and 10% low, and where the reset may or may not be asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com