Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED1113 Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # LED1113
Description  High Current LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

LED1113 Datasheet(HTML) 2 Page - AXElite technology co. ltd

  LED1113 Datasheet HTML 1Page - AXElite technology co. ltd LED1113 Datasheet HTML 2Page - AXElite technology co. ltd LED1113 Datasheet HTML 3Page - AXElite technology co. ltd LED1113 Datasheet HTML 4Page - AXElite technology co. ltd LED1113 Datasheet HTML 5Page - AXElite technology co. ltd LED1113 Datasheet HTML 6Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/6
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Nov.21, 2019
LED1113
ORDER/MARKING INFORMATION
Order Information
Top Marking
LED1113
X X
Package
F : SOT89-3L
Packing
Blank : Bag
A : Taping
X
Pin Define
Blank: LED1113
A: LED1113A
ID code:internal
1
L Y
X
1 1 3
WW: 01~26(A~Z)
27~52(a~z)
Year: 8=2018
9=2019
B=2020
C=2021
D=2022
:
Z=2044
Part number
W
Output Type
F : LED1113
E : LED1113A
ABSOLUTE MAXIMUM RATINGS
Characteristics
Symbol
Rating
Unit
Output Voltage
VOUT
28
V
Operating Junction Temperature Range
TOP
0 to +125
°C
Maximum junction Temperature
TJ
150
°C
Power Dissipation (PCB=FR4, 2 inch sq.)
TA=25oC, TJ=125oC (SOT89)
PD
1110
mW
Storage Temperature
TST
-65 to +150 °C
ELECTRICAL CHARACTERISTICS
(Under Operating Conditions, TJ=25°C)
Characteristics
Conditions
Min
Typ
Max
Units
Output Voltage
IOUT=5mA
2.45
-
26
V
Output Sink Current
VCC-VLED=VOUT>2.5V,
IOUT=5mA
500
mA
VSET Voltage
VCC-VLED=VOUT>2.5V
,
IOUT=5mA
1.225
1.250
1.275
V
Dropout Voltage
(VOUT-VSET)
IOUT = 500mA ,VSET=2%VSET
-
1.1
1.2
V
Output Current
(Note 1,2)
1W LED
RSET=3.6Ω/0.5W
340
347
354
mA
0.5W LED
RSET=7.2Ω
170
174
177
mA
20mA LED
RSET=60Ω
20.4
20.8
21.3
mA
Current Limit
VOUT> 5V
0.8
-
-
A
JA
Thermal Resistance
Junction-to-Ambient
SOT89
-
300
-
O
C/W
JC
Thermal Resistance
Junction-to-Case
SOT89(PCB=FR4, 2 inch sq.)
-
90
-
O
C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com