Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED1113F Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # LED1113F
Description  High Current LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

LED1113F Datasheet(HTML) 3 Page - AXElite technology co. ltd

  LED1113F Datasheet HTML 1Page - AXElite technology co. ltd LED1113F Datasheet HTML 2Page - AXElite technology co. ltd LED1113F Datasheet HTML 3Page - AXElite technology co. ltd LED1113F Datasheet HTML 4Page - AXElite technology co. ltd LED1113F Datasheet HTML 5Page - AXElite technology co. ltd LED1113F Datasheet HTML 6Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Nov.21, 2019
LED1113
APPLICATION CIRCUIT
(1) AC Input
AC D3
U2 LED1113/A
GND
OUT
Iset
AC D2
AC D1
12 Vac
AC D4
D2
VCC+13~18V
C1
100uF
D1
D3
Rset
60/0.25W
IOUT=1.25V/60=21mA
VOUT≥2.5V
1. 13V- VLED-VSET =1.25V
IC’s PD= (1.25*0.02=0.03W)
2. 18V- VLED-VSET=6.25V
IC’s PD = (6.25*0.02=0.13W)
VLED=10.5V (3.5V*3LED)
(2) DC Input
VCC+12V
D1
1W LED
R1
13/5W
U2
LED1113/A
GND
OUT
Iset
Rset
3.6/2W
VCC+12V
D2
1W LED
R1
6/2W
U2
LED1113/A
GND
OUT
Iset
Rset
3.6/2W
D1
1W LED
IOUT=1.25V/3.6=347mA
VOUT=2.5V
1.
R1=13, VR1=4.51V
R1
=4.51*0.347=1.57W
2.
12V- VR1- VLED-VSET=2.74V
= (2.74*0.347=0.95W)
VLED=3.5V
IOUT=1.25V/3.6=347mA
VOUT=2.5V
1.
R1=6, VR1=2.08V
R1
=2.08*0.347=0.73W
2.
12V- VR1- VLED-VSET=1.67V
=1.67*0.347=0.58W
VLED=7V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com