Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM124 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM124
Description  Low Power Quad Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM124 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM124 Datasheet HTML 1Page - National Semiconductor (TI) LM124 Datasheet HTML 2Page - National Semiconductor (TI) LM124 Datasheet HTML 3Page - National Semiconductor (TI) LM124 Datasheet HTML 4Page - National Semiconductor (TI) LM124 Datasheet HTML 5Page - National Semiconductor (TI) LM124 Datasheet HTML 6Page - National Semiconductor (TI) LM124 Datasheet HTML 7Page - National Semiconductor (TI) LM124 Datasheet HTML 8Page - National Semiconductor (TI) LM124 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Absolute Maximum Ratings (Note 12)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
LM124/LM224/LM324
LM2902
LM124A/LM224A/LM324A
Supply Voltage, V
+
32V
26V
Differential Input Voltage
32V
26V
Input Voltage
−0.3V to +32V
−0.3V to +26V
Input Current
(V
IN < −0.3V) (Note 6)
50 mA
50 mA
Power Dissipation (Note 4)
Molded DIP
1130 mW
1130 mW
Cavity DIP
1260 mW
1260 mW
Small Outline Package
800 mW
800 mW
Output Short-Circuit to GND
(One Amplifier) (Note 5)
V
+
≤ 15V and T
A = 25˚C
Continuous
Continuous
Operating Temperature Range
−40˚C to +85˚C
LM324/LM324A
0˚C to +70˚C
LM224/LM224A
−25˚C to +85˚C
LM124/LM124A
−55˚C to +125˚C
Storage Temperature Range
−65˚C to +150˚C
−65˚C to +150˚C
Lead Temperature (Soldering, 10 seconds)
260˚C
260˚C
Soldering Information
Dual-In-Line Package
Soldering (10 seconds)
260˚C
260˚C
Small Outline Package
Vapor Phase (60 seconds)
215˚C
215˚C
Infrared (15 seconds)
220˚C
220˚C
See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” for other methods of soldering surface mount
devices.
ESD Tolerance (Note 13)
250V
250V
Electrical Characteristics
V
+ = +5.0V, (Note 7), unless otherwise stated
Parameter
Conditions
LM124A
LM224A
LM324A
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
(Note 8) TA = 25˚C
1
2
1
3
2
3
mV
Input Bias Current
IIN(+) or IIN(−),VCM = 0V,
20
50
40
80
45
100
nA
(Note 9)
TA = 25˚C
Input Offset Current
IIN(+) or IIN(−),VCM = 0V,
2
10
2
15
5
30
nA
TA = 25˚C
Input Common-Mode
V
+ = 30V, (LM2902, V+ = 26V),
0
V
+−1.5
0
V
+−1.5
0
V
+−1.5
V
Voltage Range (Note 10)
TA = 25˚C
Supply Current
Over Full Temperature Range
RL = ∞ On All Op Amps
mA
V
+ = 30V (LM2902 V+ = 26V)
1.5
3
1.5
3
1.5
3
V
+ = 5V
0.7
1.2
0.7
1.2
0.7
1.2
Large Signal
V
+ = 15V, R
L≥ 2kΩ,
50
100
50
100
25
100
V/mV
Voltage Gain
(VO = 1V to 11V), TA = 25˚C
Common-Mode
DC, VCM = 0VtoV
+ − 1.5V,
70
85
70
85
65
85
dB
Rejection Ratio
TA = 25˚C
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com