Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM324 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM324
Description  Low Power Quad Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM324 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM324 Datasheet HTML 1Page - National Semiconductor (TI) LM324 Datasheet HTML 2Page - National Semiconductor (TI) LM324 Datasheet HTML 3Page - National Semiconductor (TI) LM324 Datasheet HTML 4Page - National Semiconductor (TI) LM324 Datasheet HTML 5Page - National Semiconductor (TI) LM324 Datasheet HTML 6Page - National Semiconductor (TI) LM324 Datasheet HTML 7Page - National Semiconductor (TI) LM324 Datasheet HTML 8Page - National Semiconductor (TI) LM324 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM124/LM224/LM324/LM2902
Low Power Quad Operational Amplifiers
General Description
The LM124 series consists of four independent, high gain,
internally frequency compensated operational amplifiers
which were designed specifically to operate from a single
power supply over a wide range of voltages. Operation from
split power supplies is also possible and the low power sup-
ply current drain is independent of the magnitude of the
power supply voltage.
Application areas include transducer amplifiers, DC gain
blocks and all the conventional op amp circuits which now
can be more easily implemented in single power supply sys-
tems. For example, the LM124 series can be directly oper-
ated off of the standard +5V power supply voltage which is
used in digital systems and will easily provide the required
interface electronics without requiring the additional ±15V
power supplies.
Unique Characteristics
n
In the linear mode the input common-mode voltage
range includes ground and the output voltage can also
swing to ground, even though operated from only a
single power supply voltage
n
The unity gain cross frequency is temperature
compensated
n
The input bias current is also temperature compensated
Advantages
n
Eliminates need for dual supplies
n
Four internally compensated op amps in a single
package
n
Allows directly sensing near GND and V
OUT also goes
to GND
n
Compatible with all forms of logic
n
Power drain suitable for battery operation
Features
n
Internally frequency compensated for unity gain
n
Large DC voltage gain
100 dB
n
Wide bandwidth (unity gain)
1 MHz
(temperature compensated)
n
Wide power supply range:
Single supply
3V to 32V
or dual supplies
±1.5V to ±16V
n
Very low supply current drain (700 µA) — essentially
independent of supply voltage
n
Low input biasing current
45 nA
(temperature compensated)
n
Low input offset voltage
2 mV
and offset current:
5 nA
n
Input common-mode voltage range includes ground
n
Differential input voltage range equal to the power
supply voltage
n
Large output voltage swing
0V to V
+ − 1.5V
Connection Diagram
Note 1: LM124A available per JM38510/11006
Note 2: LM124 available per JM38510/11005
Dual-In-Line Package
DS009299-1
Top View
Order Number LM124J, LM124AJ, LM124J/883 (Note 2), LM124AJ/883 (Note 1), LM224J,
LM224AJ, LM324J, LM324M, LM324MX, LM324AM, LM324AMX, LM2902M, LM2902MX, LM324N, LM324AN,
LM324MT, LM324MTX or LM2902N LM124AJRQML and LM124AJRQMLV(Note 3)
See NS Package Number J14A, M14A or N14A
August 2000
© 2000 National Semiconductor Corporation
DS009299
www.national.com


Similar Part No. - LM324

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM324 PHILIPS-LM324 Datasheet
136Kb / 7P
Low power quad op amps
1995 Nov 27
logo
STMicroelectronics
LM324 STMICROELECTRONICS-LM324 Datasheet
142Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Jun-1999
logo
Fairchild Semiconductor
LM324 FAIRCHILD-LM324 Datasheet
139Kb / 12P
Quad Operational Amplifier
2002 Rev. 1.0.4
logo
Intersil Corporation
LM324 INTERSIL-LM324 Datasheet
200Kb / 7P
Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
logo
ON Semiconductor
LM324 ONSEMI-LM324 Datasheet
129Kb / 12P
Single Supply Quad Operational Amplifiers
May, 2002 ??Rev. 8
More results

Similar Description - LM324

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Jun-1999
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Mar-2001
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Aug-1998
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
Low Power Quad Operational Amplifiers
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
Low Power Quad Operational Amplifiers
logo
Texas Instruments
LM124JAN TI1-LM124JAN_13 Datasheet
781Kb / 26P
Low Power Quad Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
Low-power quad operational amplifiers
31-Aug-2022
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
Low power quad operational amplifiers
ver.09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com