Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSL24 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # PSL24
Description  Monostable or bistable relays Single and double Coil magnet latching Type available
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

PSL24 Datasheet(HTML) 1 Page - DB Lectro Inc

  PSL24 Datasheet HTML 1Page - DB Lectro Inc PSL24 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Présente / Presents:
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - PSL24

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
PSL24 PACELEADER-PSL24 Datasheet
262Kb / 2P
SILICON EPITAXIAL PLANER TYPE
logo
GOOD-ARK Electronics
PSL24 GOOD-ARK-PSL24 Datasheet
445Kb / 4P
Surface Mount Schottky Rectifier
logo
PACELEADER INDUSTRIAL
PSL24-M PACELEADER-PSL24-M Datasheet
272Kb / 2P
SILICON EPITAXIAL PLANER TYPE
PSL24-MH PACELEADER-PSL24-MH Datasheet
272Kb / 2P
SILICON EPITAXIAL PLANER TYPE
PSL24-N PACELEADER-PSL24-N Datasheet
415Kb / 4P
1.5A LOW VF SCHOTTKY BARRIER RECTIFIERS - 40V
More results

Similar Description - PSL24

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ956P ZETTLER-AZ956P Datasheet
154Kb / 2P
MICROMINIATURE POLARIZED BISTABLE (LATCHING) RELAY
logo
DB Lectro Inc
NE720 DBLECTRO-NE720 Datasheet
130Kb / 2P
Magnet latching relay.
logo
Tyco Electronics
V23040 MACOM-V23040 Datasheet
906Kb / 7P
For DC Operations, Polarised, Monostable or Bistable
V23040-A00001-B201 MACOM-V23040-A00001-B201 Datasheet
906Kb / 7P
For DC operations, polarised, monostable or bistable
V23040-A0002-B201 MACOM-V23040-A0002-B201 Datasheet
906Kb / 7P
FOR DC OPERATIONS, POLARISED,MONOSTABLE OR BISTABLE
logo
HuaXinAn Electronics CO...
JMX-94FA HUAXINAN-JMX-94FA Datasheet
653Kb / 1P
Magnet latching relay
JMX-94FB HUAXINAN-JMX-94FB Datasheet
653Kb / 1P
Magnet latching relay.
NE720A HUAXINAN-NE720A Datasheet
564Kb / 1P
Magnet latching relay.
NE720B HUAXINAN-NE720B Datasheet
564Kb / 1P
Magnet latching relay
logo
CIT Relay & Switch
L114FL CIT-L114FL Datasheet
138Kb / 4P
Single coil or double latching power relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com