Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS650CS655 Datasheet(PDF) 2 Page - Campbell Scientific United Kingdom

Part # CS650CS655
Description  Soil Water Content Reflectometers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

CS650CS655 Datasheet(HTML) 2 Page - Campbell Scientific United Kingdom

  CS650CS655 Datasheet HTML 1Page - Campbell Scientific United Kingdom CS650CS655 Datasheet HTML 2Page - Campbell Scientific United Kingdom CS650CS655 Datasheet HTML 3Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
80 Hathern Road, Shepshed, LE12 9GX UK | +(0)1509 828888 | sales@campbellsci.co.uk | www.campbellsci.eu
UK | AUSTRALIA | BRAZIL | CANADA | CHINA | COSTA RICA | FRANCE | GERMANY | SE ASIA | SOUTH AFRICA | SPAIN | USA
© 2012
Campbell Scientific
March 14, 2017
Specifications
Sensing Volume1: CS650: 7800 cm3
CS655: 3600 cm3 (~7.5 cm radius around
each probe rod and 4.5 cm beyond the end
of the rods)
Ingress Protection Rating:
IP68
Soil Temperature
Measurement Range:
-10° to +70°C
Accuracy2:
±0.5°C for probe body buried in soil
Precision3:
±0.02°C
Electrical Conductivity Measurements
Range:
CS650
CS655
Solution EC
0 to 3 dS/m
0 to 8 dS/m
Bulk EC
0 to 3 dS/m
0 to 8 dS/m
Accuracy2:
±(5% of reading + 0.05 dS/m)
Precision3:
0.5% of BEC
Relative Dielectric Permittivity Measurements
Range:
1 to 81
Accuracy2
CS650
CS655
1 to 40
Range
±(2% of reading + 0.6) for
solution EC ≤3 dS/m
±(3% of reading + 0.8) for
solution EC ≤8 dS/m
40 to 81
Range
±1.4 for solution EC ≤1
dS/m
±2 for solution EC ≤2.8
dS/m
Precision3:
<0.02
Volumetric Water Content Measurements
Range:
5% to 50%
Accuracy2:
CS650:
±3% typical in mineral soils,where
solution EC ≤3 dS/m
CS655:
±3% typical in mineral soils,where
solution EC ≤10 dS/m
Precision3:
<0.05%
1
Approximately 7.5 cm radius around each probe rod and 4.5 cm beyond the end
of the rods.
2
Accuracy specifications are based on laboratory measurements in a
series of solutions with dielectric permittivities ranging from 1 to 81 and
solution electrical conductivities ranging from 0 to 3 dS/m.
3
Precision describes the repeatability of a measurement. It is determined
for the CS650/CS655 by taking repeated measurements in the same
material.
Electrical
Sensor Output:
SDI-12; serial RS-232
Warmup Time:
3 s
Measurement Time: 3 ms to measure; 600 ms to complete SDI-12
command
Power Supply Requirements: 6V DC to 18V DC; must be able
to supply 45 mA @ 12V DC
Current Drain
Active (3 ms): 45 mA typical @ 12V DC (80 mA @ 6V DC, 35 mA
@ 18V DC)
Quiescent:
135 μA @ 12V DC
Average:
I = 0.09n + [3.5 + 0.024(n-1)]n/s
Where,
I = average current in milliamps
n = number of CS650/CS655 probes
s = number of seconds between measurement
Electromagnetic: CE compliant (EMC compliant performance criteria
available upon request). Meets EN61326 requirements for protection
against electrostatic discharge and surge. External RF sources can
affect the probe’s operation. Therefore, the probe should be located
away from significant sources of RF such as ac power lines and motors.
Interprobe Interference: Probes enabled simultaneously and within
~9 in. of each other can cause erratic measurements. If the probes
must be installed within 9 in. of each other, configure the SDI-12
communication such that the probes are not enabled simultaneously.
Physical
Operational Temperature: -10° to + 70°C
Maximum Cable Length:
610 m (2000 ft) combined length
for up to 10 sensors connected to the same datalogger control
port.
Rod Dimensions
Length:
CS650 - 300 mm (11.8 in)
CS655 - 120 mm (4.72 in.)
Diameter:
3.2 mm (0.13 in.)
Spacing:
32 mm (1.3 in.)
Probe Head Dimensions
Height:
85 mm (3.3 in.)
Width:
63 mm (2.5 in.)
Depth:
18 mm (0.7 in.)
Weight
Probe without cable:
CS650 - 280 g (9.9 oz)
CS655 - 240 g (8.46 oz.)
Cable:
35 g per m (0.38 oz. per ft)
The CS650G makes inserting
soil-water sensors easier in
dense or rocky soils. This tool can
be hammered into the soil with
force that might damage the
sensor if the CS650G were not
used. It makes pilot holes into
which the rods of the sensors
can then be inserted. It replaces
both the 14383 and 14384.
CS650G Rod Insertion Guide Tool



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com