Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS650 Datasheet(PDF) 3 Page - Campbell Scientific United Kingdom

Part # CS650
Description  Soil Water Content Reflectometers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

CS650 Datasheet(HTML) 3 Page - Campbell Scientific United Kingdom

  CS650 Datasheet HTML 1Page - Campbell Scientific United Kingdom CS650 Datasheet HTML 2Page - Campbell Scientific United Kingdom CS650 Datasheet HTML 3Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
80 Hathern Road, Shepshed, LE12 9GX UK | +(0)1509 828888 | sales@campbellsci.co.uk | www.campbellsci.eu
UK | AUSTRALIA | BRAZIL | CANADA | CHINA | COSTA RICA | FRANCE | GERMANY | SE ASIA | SOUTH AFRICA | SPAIN | USA
© 2012
Campbell Scientific
March 14, 2017
Ordering Information
The graph shows average current drain for different measurement rates and quantities
of CS650/CS655 probes. If the time between measurements is five minutes or longer,
average current drain may be approximated at 0.1 milliamps per sensor.
Water Content Reflectometer
CS650 30-cm Water Content Reflectometer
with a standard or user-specified cable length.*
Maximum cable length is 300 m
(1000 ft).
CS655 12-cm Water Content Reflectometer
with a standard or user-specified cable length.*
Maximum cable length is 300 m
(1000 ft).
*Standard lengths are 3, 5, 10 and 15 metres.
SDI-12 Address Options (choose one)
-DS
SDI-12 Address is set to 0 (standard)
-VS
SDI-12 Address is set to the last digit of the
probe’s serial number (0 to 9). (Available to
special order)
Installation Tools and PC Interface
CS650GRod Insertion Guide Tool with Pilot Rod that helps
maintain the proper spacing and parallel orientation
of the rods during probe insertion. It also helps the
insertion of the probe in high density or rocky
soils.
A200
Sensor to PC Interface (for configuring sensor)
Commoning blocks
Commoning blocks are available to facilitate wiring of several
sensors together, to special order.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com