Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS650G Datasheet(PDF) 1 Page - Campbell Scientific United Kingdom

Part # CS650G
Description  Soil Water Content Reflectometers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

CS650G Datasheet(HTML) 1 Page - Campbell Scientific United Kingdom

  CS650G Datasheet HTML 1Page - Campbell Scientific United Kingdom CS650G Datasheet HTML 2Page - Campbell Scientific United Kingdom CS650G Datasheet HTML 3Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
COMPONENT
CS650/CS655
Soil Water Content Reflectometers
Overview
The CS650/CS655 Soil Water Content Reflectometers use
innovative techniques to monitor soil volumetric water
content, bulk electrical conductivity, and temperature.
The probe consists of two 30-cm-long (for CS650) and two
12-cm-long (for CS655) stainless steel rods connected to a
printed circuit board. The circuit board is encapsulated in
epoxy and a shielded cable is attached to the circuit board
for datalogger connection.
www.campbellsci.eu/cs650_655
More info: +44(0) 1509 828 888
Measures soil values
Using innovative techniques
80 Hathern Road, Shepshed, LE12 9GX UK | +(0)1509 828888 | sales@campbellsci.co.uk | www.campbellsci.eu
UK | AUSTRALIA | BRAZIL | CANADA | CHINA | COSTA RICA | FRANCE | GERMANY | SE ASIA | SOUTH AFRICA | SPAIN | USA
Benefits and Features
Measures the following soil values:
- volumetric water content
- bulk electrical conductivity (EC)
- soil temperature
- dielectric permittivity
SDI-12 output
Serial connection for sensor configuration
Robust water content measurement even with high bulk EC
Larger sample volume reduces error from spatial variability of
measured parameters
Measurement corrected for effects of soil texture and
electrical conductivity
Measurement Method
The CS650/CS655 measures propagation time, signal
attenuation, and temperature. Dielectric permittivity,
volumetric water content, and bulk electric conductivity
are then derived from these raw values.
Measured signal attenuation is used to correct for the
loss effect on reflection detection and thus propagation
time measurement. This loss-effect correction allows
accurate water content measurements in soils with bulk EC
≤3 dS m-1 (CS650) or ≤8 dS m-1 (CS655) without performing
a soil specific calibration. Soil bulk electrical conductivity is also
calculated from the attenuation measurement.
A thermistor in thermal contact with a probe rod near the epoxy
surface measures temperature. Horizontal installation of the
sensor provides accurate soil temperature measurement at the
same depth as the water content. Temperature measurement in
other orientations will be that of the region near the rod entrance
into the epoxy body.
Common applications of the CS650/CS655 include irrigation
scheduling, soil-water transport and flow studies, soil-water
model validation, and soil-water balance analyses. It can also be
used to compare the effects of varying soil conditions on a plant’s
health.
CS650
CS655


Similar Part No. - CS650G

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
CS650 CAMPBELL-CS650 Datasheet
538Kb / 2P
Soil Water Content Reflectometer 30 cm
06/22/2020
logo
DFI Inc
CS650-C246 DFI-CS650-C246 Datasheet
1Mb / 2P
9th/8th Gen Intel® CoreTM Processor ATX
CS650-Q370 DFI-CS650-Q370 Datasheet
1Mb / 2P
9th/8th Gen Intel® CoreTM Processor ATX
logo
Vishay Siliconix
CS6503001K500B1234 VISHAY-CS6503001K500B1234 Datasheet
91Kb / 2P
Customer Special Metal Case Resistor (CS65), Wirewound Resistors, Industrial Power, Tubular, Metal Case, MCR, MCRL
07-Aug-14
CS6503001K500B1234 VISHAY-CS6503001K500B1234 Datasheet
77Kb / 2P
Customer Special Metal Case Resistor (CS65), Wirewound Resistors, Industrial Power, Tubular, Metal Case, MCR, MCRL
07-Aug-14
More results

Similar Description - CS650G

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MO750 EXTECH-MO750 Datasheet
62Kb / 4P
Soil Moisture Meter
logo
A-BRIGHT Inc
AL-01T7IR1WC-A30 A-BRIGHT-AL-01T7IR1WC-A30 Datasheet
329Kb / 4P
Water Clear
logo
Extech Instruments Corp...
MO750 EXTECH-MO750_15 Datasheet
190Kb / 1P
Soil Moisture Meter
logo
TT Electronics.
DS1015 TTELEC-DS1015 Datasheet
300Kb / 1P
Water Meter
logo
SparkFun Electronics
SEN-13637 SPARKFUN-SEN-13637 Datasheet
171Kb / 2P
SparkFun Soil Moisture Sensor (with Screw Terminals)
7??0??7
logo
Festo Corporation.
564869 FESTO-564869 Datasheet
77Kb / 1P
Water trap
4/5/22
564870 FESTO-564870 Datasheet
77Kb / 1P
Water trap
4/5/22
564871 FESTO-564871 Datasheet
77Kb / 1P
Water trap
4/5/22
564872 FESTO-564872 Datasheet
78Kb / 1P
Water trap
4/5/22
571468 FESTO-571468 Datasheet
81Kb / 1P
Water trap
4/5/22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com