Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KL2C2R2MR Datasheet(PDF) 2 Page - DB Lectro Inc

Part # KL2C2R2MR
Description  CHIP TYPE, 5000 HOURS LOAD LIFE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

KL2C2R2MR Datasheet(HTML) 2 Page - DB Lectro Inc

  KL2C2R2MR Datasheet HTML 1Page - DB Lectro Inc KL2C2R2MR Datasheet HTML 2Page - DB Lectro Inc KL2C2R2MR Datasheet HTML 3Page - DB Lectro Inc KL2C2R2MR Datasheet HTML 4Page - DB Lectro Inc KL2C2R2MR Datasheet HTML 5Page - DB Lectro Inc KL2C2R2MR Datasheet HTML 6Page - DB Lectro Inc KL2C2R2MR Datasheet HTML 7Page - DB Lectro Inc KL2C2R2MR Datasheet HTML 8Page - DB Lectro Inc KL2C2R2MR Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
KL Series
DIMENSIONS & MAXIMUM PERMISSIBLE RIPPLE CURRENT
FREQUENCY COEFFICIENT OF ALLOWABLE RIPPLE CURRENT
Frequency
50Hz
120Hz
300Hz
1KHz
10KHz~
Coefficient
0.70
1.00
1.17
1.36
1.50
Note: All design and specifications are for reference only and is subject to change without prior notice. If any doubt about safety for
your application, please contact us immediately for technical assistance before purchase.
WV
F
6.3
101625
10
4 x 5.8
18
5 x 5.8
27
22
4 x 5.8
22
5 x 5.8
30
5 x 5.8
30
6.3 x 5.8
44
33
5 x 5.8
35
5 x 5.8
36
6.3 x 5.8
48
6.3 x 5.8
50
47
5 x 5.8
38
6.3 x 5.8
50
6.3 x 5.8
50
6.3 x 7.7
63
100
6.3 x 5.8
69
6.3 x 7.7
81
6.3 x 7.7
81
8 x 10.5
116
150
6.3 x 7.7
85
8 x 10.5
125
8 x 10.5
125
10 x 10.5
320
220
6.3 x 7.7
120
8 x 10.5
141
10 x 10.5
216
10 x 10.5
320
330
8 x 10.5
290
10 x 10.5
290
10 x 10.5
290
10 x 10.5
450
470
10 x 10.5
320
10 x 10.5
320
10 x 10.5
320
680
10 x 10.5
320
10 x 10.5
320
1000
10 x 10.5
410
WV
F
35
50
63
100
0.1
4x5.8
1.0
0.22
4x5.8
2.6
0.33
4x5.8
3.2
0.47
4x5.8
5
1
4x5.8
8
2.2
4x5.8
12
3.3
4 x 5.8
17
6.3 x 7.7
30
4.7
4 x 5.8
16
5 x 5.8
22
8 x 10.5
50
10
5 x 5.8
27
6.3 x 5.8
32
6.3 x 7.7
45
8 x 10.5
55
22
6.3 x 5.8
44
6.3 x 7.7
58
8 x 10.5
65
10 x 10.5
70
33
6.3 x 7.7
57
8 x 10.5
140
10 x 10.5
80
10 x 10.5
80
47
8 x 10.5
92
10 x 10.5
310
10 x 10.5
90
100
10 x 10.5
151
10 x 10.5
310
150
10 x 10.5
290
220
10 x 10.5
375
Case size
Ripple
current
Case size D L(mm), ripple current (mA rms) at 105 C 120Hz
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com