Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KL2D2R2MR Datasheet(PDF) 13 Page - DB Lectro Inc

Part # KL2D2R2MR
Description  CHIP TYPE, 5000 HOURS LOAD LIFE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

KL2D2R2MR Datasheet(HTML) 13 Page - DB Lectro Inc

Back Button KL2D2R2MR Datasheet HTML 5Page - DB Lectro Inc KL2D2R2MR Datasheet HTML 6Page - DB Lectro Inc KL2D2R2MR Datasheet HTML 7Page - DB Lectro Inc KL2D2R2MR Datasheet HTML 8Page - DB Lectro Inc KL2D2R2MR Datasheet HTML 9Page - DB Lectro Inc KL2D2R2MR Datasheet HTML 10Page - DB Lectro Inc KL2D2R2MR Datasheet HTML 11Page - DB Lectro Inc KL2D2R2MR Datasheet HTML 12Page - DB Lectro Inc KL2D2R2MR Datasheet HTML 13Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
LIFE OF ALUMINUM ELECTROLYTIC CAPACITORS
The life of aluminum electrolytic capacitors is mainly dependent on environmental conditions (e.g.
ambient temperature, humidity etc.) and electrical factors (e.g. operating temperature, ripple current
etc.) Generally, the wear-out mechanism of aluminum electrolytic capacitors is based on evaporation
of electrolyte through the rubber seal. Consequently, the factor of temperature (ambient temperature
and internal heating due to ripple current) is the most critical to electrolytic capacitors life. The effect of
voltage on capacitor life is negligible, especially for low voltage electrolytic capacitors. The lifetime of
aluminum electrolytic capacitors can be expressed as following equations:
Le = Lo
Kt
Kr
-------- (1)
Where:
Le = Expected life at operating temperature Te (h)
Lo = Specified life at temperature operating temperature To (h)
Kt = Ambient temperature acceleration term
Kr = Ripple current acceleration term
Kt = Lo A
-------- (2)
(To-Te)/10
Where:
To = Maximum rated operating temperature ( C)
Te = Actual ambient temperature ( C)
A = Acceleration coefficient (for the range from 35 C to the maximum operating temperature,
A 2)
Kr = 2
-------- (3)
(- T/5)
Where:
T = An increase in core temperature by internal heating due to ripple current
( T = core temperature – ambient temperature)
T can be estimated as follows:
T = (I
2
R)/(
S)
-------- (4)
Where:
I = Ripple current of the capacitor (A rms)
R = Equivalent series resistance of the capacitor ( )
= Heat radiation coefficient of the aluminum can (W/ C
cm
2)
S = Surface area of the capacitor (cm
2)
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com