Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2R7203Z Datasheet(PDF) 2 Page - DB Lectro Inc

Part # SC2R7203Z
Description  2.7V/2.0F Primary or back-up power supply for video, audio
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

SC2R7203Z Datasheet(HTML) 2 Page - DB Lectro Inc

  SC2R7203Z Datasheet HTML 1Page - DB Lectro Inc SC2R7203Z Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Supercapacitor
Features
-
RoHS compliant
-
High capacitance and low resistance for long cycle life applications
-
Small sized, light weight and maintenance free
-
Wider temperature range(-25 ~ 70℃)
Applications
Primary or back-up power supply for video, audio, camera, printer, hand held scanner, telephone, car stereo,
computer, toy, LED display, relay, electric buzzer, etc
Product list
Dimension (mm)
Part
Number
Rated
Voltage(V)
Nominal
Capacitance(F)
ESR ( )
(@1kHz)
Φ
L (or) T
Solder Type
SR2R5223Z
2.5
2.2
0.28
10.0±0.1
21.0±0.2
SR2R5333Z
2.5
3.3
0.15
10.0±0.1
21.0±0.2
SR2R5473Z
2.5
4.7
0.10
13.0±0.1
21.0±0.2
SR2R5104Z
2.5
10
0.05
13.0±0.1
34.0±0.2
SR2R5204Z
2.5
20
0.04
16.0±0.1
34.0±0.2
SR2R5304Z
2.5
30
0.03
16.0±0.1
32.0±0.2
SR2R5504Z
2.5
50
0.02
18.0±0.1
32.0±0.2
SR2R5105Z
2.5
100
0.02
22.0±0.2
54.0±0.2
SR2R5125Z
2.5
120
0.02
22.0±0.2
45.0±0.2
SC2R7302Z
2.7
0.3
70
7.05±0.1
2.5±0.2
V type
SC2R7702Z
2.7
0.7
30
9.65±0.1
2.7±0.2
V type,H type
SC2R7103Z
2.7
1.0
25
12.75±0.1
2.4±0.2
V type, H type
SC2R7203Z
2.7
2.0
15
16.3±0.1
2.4±0.2
V type, H type
SC2R7303Z
2.7
3.0
10
20.2±0.1
2.0±0.2
V type, H type
SC2R7603Z
2.7
6.0
6
20.3±0.1
3.3±0.2
V type, H type
SC2R7803Z
2.7
8.0
5
24.8±0.1
3.5±0.2
V type,H type
SC5R5152Z
5.5
0.15
150
7.05±0.1
5.0±0.2
V type
SC5R5222Z
5.5
0.22
70
9.65±0.1
4.6±0.2
V type,H type
SC5R5332Z
5.5
0.33
60
9.65±0.1
6.0±0.2
V type,H type
SC5R5472Z
5.5
0.47
45
12.75±0.1
4.3±0.2
V type, H type
SC5R5802Z
5.5
0.8
40
20.8±0.1
7.2±0.2
C, H, V type
SC5R5103Z
5.5
1.0
35
20.8±0.1
7.2±0.2
C, H, V type
SC5R5153Z
5.5
1.5
24
20.2±0.1
3.7±0.2
V type,H type
SC5R5303Z
5.5
3.0
15
20.3±0.1
6.7±0.2
V type,H type
SC5R5403Z
5.5
4.0
15
24.8±0.1
6.5±0.2
V type,H type
Part Number System
□ □ □ □ □
□ □ □
Series
Rated
Nominal
Capacitance
Code
Voltage
Capacitance
Tolerance
Z: tolerance from -20% to +80%
Type
S: Supercapacitor
Example-702: 7.0*E2 mF
Shape
R: Radial:
Example-2R7: 2.7V
C: Cell
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com