Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2R7302Z Datasheet(PDF) 1 Page - DB Lectro Inc

Part # SC2R7302Z
Description  2.7V/1.0F Primary or back-up power supply for video, audio
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

SC2R7302Z Datasheet(HTML) 1 Page - DB Lectro Inc

  SC2R7302Z Datasheet HTML 1Page - DB Lectro Inc SC2R7302Z Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.7V/1.0F
SC2R7103Z
 Dimensions in mm(not to scale)
 Specifications
Items
Specification
Nominal capacitance
1.0F
Capacitance tolerance
-20%~+80% (at 25℃)
Rated voltage
2.7V
ESR (1kHz)
≤25Ω
Weight
0.65g±0.05g
Dimension (
фDхL mm)
Ф 12.75×2.4
Solder fashion
V type,H type
Operation temperature
-25 - 70℃
Storage temperature
-40 ~ 85℃
High/low
temperature
characteristics
From -25℃ to +70℃
, |ΔC | ≤ 30% and ESR ≤ 4 times of
initially measured values
Moistureproof characteristics
After fully charge, storage 500 hours at 55℃:and
90-
95%RH, |ΔC | ≤ 30% and ESR ≤ 4 times of initially
measured values
Load life test
After 1,000 hours application under 2.7V DC at 70℃
, |ΔC|
≤ 30% of the initial value and ESR ≤4 times of initially
measured values
Cycle life
Charge-discharge for 100,000 cycles at 2.7V and 25℃,
|ΔC| ≤ 30% and ESR ≤4 times of initially measured value
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - SC2R7302Z

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
SC2R7302Z DBLECTRO-SC2R7302Z Datasheet
293Kb / 2P
2.7V/2.0F Primary or back-up power supply for video, audio
SC2R7302Z DBLECTRO-SC2R7302Z Datasheet
322Kb / 2P
Primary or back-up power supply
SC2R7302Z DBLECTRO-SC2R7302Z Datasheet
294Kb / 2P
2.7V/3.0F Primary or back-up power supply
SC2R7302Z DBLECTRO-SC2R7302Z Datasheet
331Kb / 2P
High capacitance and low resistance for long cycle life applications
SC2R7302Z DBLECTRO-SC2R7302Z Datasheet
299Kb / 2P
High capacitance and low resistance for long cycle life applications
More results

Similar Description - SC2R7302Z

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
SC2R7203Z DBLECTRO-SC2R7203Z Datasheet
293Kb / 2P
2.7V/2.0F Primary or back-up power supply for video, audio
SC2R7302Z DBLECTRO-SC2R7302Z Datasheet
322Kb / 2P
Primary or back-up power supply
SC2R7303Z DBLECTRO-SC2R7303Z Datasheet
294Kb / 2P
2.7V/3.0F Primary or back-up power supply
logo
Sanyo Semicon Device
LV5622LP SANYO-LV5622LP Datasheet
91Kb / 6P
For Digital Still Camera Main/Back-up Power Supply Switching IC
logo
TECHNOLOGY ASSISTANCE B...
TDRSP-1URK-BBU-12-50 TAB-TDRSP-1URK-BBU-12-50 Datasheet
462Kb / 2P
BATTERY BACK-UP POWER SUPPLY
logo
Monolithic Power System...
MEZD41502A-X MPS-MEZD41502A-X Datasheet
571Kb / 4P
2.7V - 13V Input, 2A, Step-Up Power Supply
MEZD41503A-X MPS-MEZD41503A-X Datasheet
511Kb / 4P
2.7V - 10V Input, 3A, Step-Up Power Supply
MEZD41501A-X MPS-MEZD41501A-X Datasheet
551Kb / 4P
2.7V - 13V Input, 1A, Step-Up Power Supply
logo
PHOENIX CONTACT
103986 PHOENIX-103986 Datasheet
362Kb / 11P
Primary-switched power supply for building automation
07/2009
logo
EHAOAN.
HS538 EHAOAN-HS538 Datasheet
1Mb / 8P
2.7V or 5.5V supply voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com