Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5R5403Z Datasheet(PDF) 2 Page - DB Lectro Inc

Part # SC5R5403Z
Description  2.7V/3.0F Primary or back-up power supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

SC5R5403Z Datasheet(HTML) 2 Page - DB Lectro Inc

  SC5R5403Z Datasheet HTML 1Page - DB Lectro Inc SC5R5403Z Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Supercapacitor
Features
-
RoHS compliant
-
High capacitance and low resistance for long cycle life applications
-
Small sized, light weight and maintenance free
-
Wider temperature range(-25 ~ 70℃)
Applications
Primary or back-up power supply for video, audio, camera, printer, hand held scanner, telephone, car stereo,
computer, toy, LED display, relay, electric buzzer, etc
Product list:
:
:
:
Dimension (mm)
Part
Number
Rated
Voltage(V)
Nominal
Capacitance(F)
ESR ( )
(@1kHz)
Φ
L (or) T
Solder Type
SR2R5223Z
2.5
2.2
≤
0.28
10.0±0.1
21.0±0.2
SR2R5333Z
2.5
3.3
≤
0.15
10.0±0.1
21.0±0.2
SR2R5473Z
2.5
4.7
≤
0.10
13.0±0.1
21.0±0.2
SR2R5104Z
2.5
10
≤
0.05
13.0±0.1
34.0±0.2
SR2R5204Z
2.5
20
≤
0.04
16.0±0.1
34.0±0.2
SR2R5304Z
2.5
30
≤
0.03
16.0±0.1
32.0±0.2
SR2R5504Z
2.5
50
≤
0.02
18.0±0.1
32.0±0.2
SR2R5105Z
2.5
100
≤
0.02
22.0±0.2
54.0±0.2
SR2R5125Z
2.5
120
≤
0.02
22.0±0.2
45.0±0.2
SC2R7302Z
2.7
0.3
≤
70
7.05±0.1
2.5±0.2
V type
SC2R7702Z
2.7
0.7
≤
30
9.65±0.1
2.7±0.2
V type,H type
SC2R7103Z
2.7
1.0
≤
25
12.75±0.1
2.4±0.2
V type, H type
SC2R7203Z
2.7
2.0
≤
15
16.3±0.1
2.4±0.2
V type, H type
SC2R7303Z
2.7
3.0
≤
10
20.2±0.1
2.0±0.2
V type, H type
SC2R7603Z
2.7
6.0
≤
6
20.3±0.1
3.3±0.2
V type, H type
SC2R7803Z
2.7
8.0
≤
5
24.8±0.1
3.5±0.2
V type,H type
SC5R5152Z
5.5
0.15
≤
150
7.05±0.1
5.0±0.2
V type
SC5R5222Z
5.5
0.22
≤
70
9.65±0.1
4.6±0.2
V type,H type
SC5R5332Z
5.5
0.33
≤
60
9.65±0.1
6.0±0.2
V type,H type
SC5R5472Z
5.5
0.47
≤
45
12.75±0.1
4.3±0.2
V type, H type
SC5R5802Z
5.5
0.8
≤
40
20.8±0.1
7.2±0.2
C, H, V type
SC5R5103Z
5.5
1.0
≤
35
20.8±0.1
7.2±0.2
C, H, V type
SC5R5153Z
5.5
1.5
≤
24
20.2±0.1
3.7±0.2
V type,H type
SC5R5303Z
5.5
3.0
≤
15
20.3±0.1
6.7±0.2
V type,H type
SC5R5403Z
5.5
4.0
≤
15
24.8±0.1
6.5±0.2
V type,H type
Part Number System
□ □ □ □ □
□ □ □
□
Series
Rated
Nominal
Capacitance
Code
Voltage
Capacitance
Tolerance
Z: tolerance from -20% to +80%
Type
S: Supercapacitor
Example-702: 7.0*E2 mF
Shape
R: Radial:
Example-2R7: 2.7V
C: Cell
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com