Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3225 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC3225
Description  Silicon NPN Epitaxial Type Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3225 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC3225 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3225 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3225 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3225 Datasheet HTML 4Page - Toshiba Semiconductor 2SC3225 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC3225
2006-11-09
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (A)
VCE – IC
VCE – IC
Collector current IC (A)
VCE (sat) – IC
Collector current IC (A)
Collector current IC (A)
hFE – IC
VCE – IC
Collector current IC (A)
2.4
1.6
1.2
0.8
0.4
0
2
0
10
IB = 0.2 mA
20
0.5
1
5
Common emitter
Ta = 25°C
2.0
2
3
4
5
1
0
6
7
0.8
0.6
0.4
0.2
0.8
1.2
1.6
2.0
0.4
0
20
50
IB = 1 mA
5
10
30
Common emitter
Ta = −55°C
0
1.0
2.4
2.8
0.8
0.6
0.4
0.2
0
0
1.0
0.8
1.2
1.6
2.0
0.4
20
50
IB = 1 mA 5
10
30
Common emitter
Ta = 100°C
2.4
2.8
1.2
0.8
0.6
0.4
0.2
0
Common emitter
Ta = 25°C
1.0
20
50
IB = 1 mA
5
10
30
0.8
1.2
1.6
2.0
0.4
0
2.4
2.8
Common emitter
IC/IB = 300
5
0.03
0.01
3
0.1
0.03
0.1
0.3
1
Ta = 100°C
25
−55
0.05
3
0.3
0.5
1
5000
30
0.01
3000
100
0.03
0.1
0.3
1
Common emitter
VCE = 1 V
Ta = 100°C
25
−55
50
3
300
500
1000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com