Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

51018-0432-R2-4 Datasheet(PDF) 2 Page - Kontron

Part # 51018-0432-R2-4
Description  SMARC® 2.1 module based on Intel® x7000E, x7000RE Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

51018-0432-R2-4 Datasheet(HTML) 2 Page - Kontron

  51018-0432-R2-4 Datasheet HTML 1Page - Kontron 51018-0432-R2-4 Datasheet HTML 2Page - Kontron 51018-0432-R2-4 Datasheet HTML 3Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
www.kontron.com
SMARC-sXAS
Technical Information
COMPLIANCE
SMARC module 2.1.1
DIMENSIONS (H X W X D)
82 x 50 mm
CPU
Intel Amston Lake SKUs – Industrial RE-Series
CHIPSET
-
MAIN MEMORY
Up to 16 GByte LPDDR5 memory down
with inband ECC support
GRAPHICS CONTROLLER
Gen 12 IGFX
ETHERNET
Up to 2.5GbE
STORAGE
1x SATA 6Gb/s
FLASH ONBOARD
up to 128 GByte eMMC (MLC)
PCI EXPRESS®
up to 4x PCIe x1
PANEL SIGNAL
1x HDMI (on request DP++), 1x DP++,
1x Dual LVDS (on request eDP)
USB
1x USB 3.2, 6x USB 2.0
SERIAL
4x UART ( 2x RX/TX only)
OTHERS FEATURES
HD Audio, I²C, 2x SPI, 14x GPIOs
SPECIAL FEATURES
Trusted Platform Module TPM 2.0
Industrial Temperature Grade versions
FEATURES ON REQUEST
eMMC: up to 64 GByte pSLC
RAM: from 2 GByte to 16 GByte LPDDR5
MIPI CSI, CAN
BIOS
AMI UEFI
OPERATING SYSTEM
Windows® 10 (IOT) Enterprise x64,
Windows® 11, Linux
POWER SUPPLY
5V only! No Widerange
TEMPERATURE
Industrial grade:
-40 °C to +85 °C operating,
-40 °C to +85 °C non-operating
HUMIDITY
93 % relative Humidity at 40 °C,
non-condensing (according to IEC 60068-2-78)
Block Diagram
PRELIMINAR
Y



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com