Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

51017-0416-R1-2 Datasheet(PDF) 4 Page - Kontron

Part # 51017-0416-R1-2
Description  Latest Generation Intel Atom®, Pentium® and Celeron® Processor Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

51017-0416-R1-2 Datasheet(HTML) 4 Page - Kontron

  51017-0416-R1-2 Datasheet HTML 1Page - Kontron 51017-0416-R1-2 Datasheet HTML 2Page - Kontron 51017-0416-R1-2 Datasheet HTML 3Page - Kontron 51017-0416-R1-2 Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMARC-sXEL (E2)
Global Headquarters
Kontron Europe GmbH
Gutenbergstraße 2
85737 Ismaning, Germany
Tel.: + 49 821 4086-0
info@kontron.com
www.kontron.com
Standard Variants
Carrier
Cooling
Accessories
PART NO.
CPU
MEMORY
FLASH
ETH PHY
DISPLAY
SERDES
OP. TEMPERATURE
51016-0432-J2-4
J6426
4 GByte
32 GByte
2x 1 GByte
LVDS, HDMI, DP++
No
0 °C - 60 °C
51016-0416-N1-2
N6211
4 GByte
16 GByte
2x 1 GByte
LVDS, HDMI, DP++
No
0 °C - 60 °C
51017-0416-R1-2
x6212RE
4 GByte
16 GByte
2x 1 GByte
LVDS, HDMI, DP++
No
-40 °C - 85 °C
51017-0432-R1-4
x6414RE
4 GByte
32 GByte
2x 1 GByte
LVDS, HDMI, DP++
No
-40 °C - 85 °C
51017-0832-R2-4
x6425RE
8 GByte
32 GByte
2x 1 GByte
LVDS, HDMI, DP++
No
-40 °C - 85 °C
ARTICLE
PART NO.
DESCRIPTION
SMARC EVALUATION CARRIER 2.0
51300-0000-00-0
SMARC Evaluation Carrier for SMARC modules according to the
SMARC 2.0 standard (without SMARC module)
ARTICLE
PART NO.
DESCRIPTION
HSP SMARC-sXEL
51016-0000-99-1
Heatspreader for SMARC-sXEL (only for 51016-XXXXX-XX-X)
HSP SMARC-sXEL E2
51017-0000-99-1
Heatspreader for SMARC-sXEL (only for 51017-XXXXX-XX-X)
SMARC PASSIVE UNI COOLER
(W/O HSP)
51099-0000-99-1
SMARC Passive Uni Cooler
ARTICLE
PART NO.
DESCRIPTION
SMARC MOUNTING KIT
51117-0000-00-0
Mounting Kit for SMARC modules



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com