Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S26361-F5000-R006 Datasheet(PDF) 2 Page - Kontron

Part # S26361-F5000-R006
Description  Industrial chassis for enhanced operating temperature range
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

S26361-F5000-R006 Datasheet(HTML) 2 Page - Kontron

  S26361-F5000-R006 Datasheet HTML 1Page - Kontron S26361-F5000-R006 Datasheet HTML 2Page - Kontron S26361-F5000-R006 Datasheet HTML 3Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
www.kontron.com
SMARTCASE™ S711
Technical Information
Integrated HDD / system fan
Aperture for additional serial ports
and WLAN (RP-) SMA connector (Ø 7.2 mm)
Mounting space for 2.5” Drive
or internal 12 V PSU module
Integrated EMI gasket
Riser card holder with integrated power button
(illuminated), chassis intrusion switch
and dual front USB 3.1 gen1 connectors
CHASSIS DATA
DIMENSIONS
COLOUR
WEIGHT
250 x 52 x 191 mm (W x H x D)
black
~ 1 kg
SUPPORTED MOTHERBOARDS
D3713-R
D3713-V
D3723-R
ENVIRONMENTAL CONDITIONS
OPERATING TEMPERATURE
HUMIDITY
Passive heatsink (fanless):
-10 °C ... +35 °C (max. 15 W TDP, vertical/horizontal position) *)
-10 °C ... +40 °C (max. 12 W TDP, vertical position only) *)
Active heatsink (with Fan):
-10 °C ... +45 °C (max. 35 W TDP, vertical/horizontal position) *)
5 % - 85 % relative humidity (non-condensing)
CHASSIS FAN SPECIFICATION
MTBF
OPERATING TEMPERATURE
70.000 hours @ 40 °C
-10 °C – 70 °C
PWM (4 pin), 40 x 40 x 10 mm
1750 – 5.500 rpm (nominal)/
900 - 5.000 rpm (nominal, from chassis revision 03)
Two ball bearing
REQUIREMENTS FOR
AC ADAPTER
DC OUTPUT
DC OUTPUT PLUG
8 V-34 V (5 A max./65 W max.)
Ø 2.5 mm/5.5 mm
Important Note:
Compliance with IEC 62368-1 according clause 6.2.2. to power source category
PS2 (“Limited Power Source”) required!
APPROVALS & CERTIFICATIONS
EMC
SAFETY
CE Class B, Industrial Immunity (EN 61000-6-2), FCC-B/ICES-003 verified
Safety Testreport according IEC62368-1
PACKAGE CONTENT
Chassis bottom/top incl. front bezel; I/O with integrated EMI gasket
Dual front USB 3.1 Gen1 connector
HDD carrier incl. 4 pin PWM fan
Riser card holder incl. power button/power LED and intrusion switch
HDD SATA cable and power cable for one drive
Wall mount metal brackets
Motherboard mounting Screws
Chassis desk stand (horizontal/vertical, removable)
CHASSIS FEATURES
THEFT PROTECTION
MOUNTING OPTIONS
Kensington lock support
Mechanical lock for DC-In connector
Intrusion Support
WLAN antenna via (RP-) SMA connector
PCIe riser (PCIe x4, low profile)
Two rear COM ports (COM3, COM4)
2.5" Drive (HDD/SSD)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com