Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S26361-F5000-R012 Datasheet(PDF) 3 Page - Kontron

Part # S26361-F5000-R012
Description  Industrial chassis for enhanced operating temperature range
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

S26361-F5000-R012 Datasheet(HTML) 3 Page - Kontron

  S26361-F5000-R012 Datasheet HTML 1Page - Kontron S26361-F5000-R012 Datasheet HTML 2Page - Kontron S26361-F5000-R012 Datasheet HTML 3Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMARTCASE™ S711
Global Headquarters
Kontron Europe GmbH
Gutenbergstraße 2
85737 Ismaning, Germany
Tel.: + 49 821 4086-0
info@kontron.com
www.kontron.com
Ordering Information
Accessories
ARTICLE
PART NO.
DESCRIPTION
CHASSIS KIT SOLUTION
S26361-F5000-J008
10 pcs
Chassis Rear View
Chassis prepared for optional features
8 - 34 V DC
Input lockable
DisplayPort with
removable covers
Aperture for COM3/COM4
connector with
removable covers
Aperture for (RP-) SMA
antenna connector
(Ø 7,2 mm)
with removable cover
Kensington Lock
DC-In Lock (included in package content)
PCIe Low Profile Slot
FANLESS HEATSINK KIT
S26361-F5000-C019
Passive Heatsink, max. 15 W TDP (backplate included)
SLIM ACTIVE HEATSINK KIT
S26361-F5000-C021
Active Heatsink, max. 35 W TDP (backplate included)
RISERCARD
S26361-F5000-R006
D3318-A
INTERNAL PSU MODULE
S26361-F5000-P004
12 V Internal PSU
EXTERNAL AC ADAPTER
65W@19V
S26361-F5000-P006
AC Adapter, 19 V/3.42 A, 65 W
SERIAL PORT CABLE
S26361-F5000-K010
Length = 400 mm, fullsize slot bracket
MINI PCIe TO M.2 ADAPTER
S26361-F5000-M003
Adapter for Mini PCIe to M.2 Wi-Fi modules
TPM MODULE
S26361-F5000-R012
Infineon SLB9670, TPM V2.0 (TCG compliant)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com