Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S26361-F5000-R012 Datasheet(PDF) 1 Page - Kontron

Part # S26361-F5000-R012
Description  Industrial chassis for enhanced operating temperature range
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

S26361-F5000-R012 Datasheet(HTML) 1 Page - Kontron

  S26361-F5000-R012 Datasheet HTML 1Page - Kontron S26361-F5000-R012 Datasheet HTML 2Page - Kontron S26361-F5000-R012 Datasheet HTML 3Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Industrial chassis for enhanced operating
temperature range
SMARTCASE™ S730
Chassis Kit Solution
* Compact Design (250 x 52 x 191 mm)
* Dual Front USB 3.2 Gen1 Connectors
* Low Profile Extension Slot
* Option for Internal 65W PSU Module
* Horizontal and Vertical Stand plus Wall Mount Bracket
Mini-ITX Motherboard
D3713-V/R, D3723-R, K3931-N
FOR


Similar Part No. - S26361-F5000-R012

ManufacturerPart #DatasheetDescription
logo
Kontron
S26361-F5000-R012 KONTRON-S26361-F5000-R012 Datasheet
342Kb / 3P
Industrial chassis for enhanced operating temperature range
More results

Similar Description - S26361-F5000-R012

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0334C1H1R4BA01 MURATA-GRM0334C1H1R4BA01 Datasheet
93Kb / 2P
Operating temperature range
GRM0334C1H1R6WA01 MURATA-GRM0334C1H1R6WA01 Datasheet
93Kb / 2P
Operating temperature range
GRM0334C1H1R8BA01 MURATA-GRM0334C1H1R8BA01 Datasheet
93Kb / 2P
Operating temperature range
GRM0334C1H1R8WA01 MURATA-GRM0334C1H1R8WA01 Datasheet
93Kb / 2P
Operating temperature range
GRM0334C1H1R9WA01 MURATA-GRM0334C1H1R9WA01 Datasheet
93Kb / 2P
Operating temperature range
GRM0334C1HR20WA01 MURATA-GRM0334C1HR20WA01 Datasheet
93Kb / 2P
Operating temperature range
GRM0334C1HR40BA01 MURATA-GRM0334C1HR40BA01 Datasheet
93Kb / 2P
Operating temperature range
GRM0332C1E5R5WA01 MURATA-GRM0332C1E5R5WA01 Datasheet
49Kb / 1P
Operating temperature range
GRM0332C1E5R6CA01 MURATA-GRM0332C1E5R6CA01 Datasheet
49Kb / 1P
Operating temperature range
logo
All Sensors Corporation
DS-0010 ASC-DS-0010 Datasheet
199Kb / 5P
Enhanced Digital Output Sensors: Industrial temperature range
DS-0010 Rev A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com