Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3420 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC3420
Description  Silicon NPN Epitaxial Type (PCT Process) Strobe Flash Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3420 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC3420 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3420 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3420 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3420 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC3420
2006-11-09
3
Collector-emitter voltage VCE (V)
IC – VCE
Base-emitter voltage VBE (V)
IC – VBE
Collector current IC (A)
hFE – IC
Collector-emitter voltage VCE (V)
Safe Operating Area
Collector current IC (A)
VCE (sat) – IC
0
0
Common emitter
Tc = 25°C
10
6
3
4
5
6
30
100
50
70
150
20
IB = 10 mA
0
200
2
1
2
4
8
0.03
300
Common emitter
VCE = 2 V
10
30
50
100
1000
0.1
1
10
−25
25
Tc = 100°C
3
0.3
0.01
500
Common emitter
VCE = 2 V
0
1
4
5
6
0.6
0.8
1.2
Tc = 100°C
25
1.4
1.0
0.2
0.4
0
2
3
7
8
−25
Tc = 100°C
Common emitter
IC/IB = 40
3
0.05
0.1
0.3
0.5
1
−25
0.03
25
0.03
0.1
1
10
3
0.3
0.01
IC max (pulsed)**
1
3
10
30
50
0.1
0.3
1
3
5
* : Single nonrepetitive pulse
Tc = 25°C
**: Pulse width = 10 ms (max)
Duty cycle = 30% (max)
Tc = 25°C
Curves must be derated linearly
with increase in temperature
0.5
10
IC max (continuous)
DC operation
Tc = 25°C
10 ms*
100 ms*
VCEO max



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com