Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3421 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC3421
Description  Silicon NPN Epitaxial Type (PCT Process) Audio Frequency Power Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3421 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC3421 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3421 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3421 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3421 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC3421
2006-11-09
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
2SC3421
Audio Frequency Power Amplifier Applications
• Complementary to 2SA1358
• Suitable for driver of 60 to 80 watts audio amplifier
• High breakdown voltage
Absolute Maximum Ratings (Tc = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
120
V
Collector-emitter voltage
VCEO
120
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
1
A
Base current
IB
100
mA
Ta = 25°C
1.5
Collector power
dissipation
Tc = 25°C
PC
10
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-8H1A
Weight: 0.82 g (typ.)


Similar Part No. - 2SC3421

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3421 TOSHIBA-2SC3421 Datasheet
151Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS)
logo
Inchange Semiconductor ...
2SC3421 ISC-2SC3421 Datasheet
249Kb / 2P
isc Silicon NPN Power Transistor
logo
Foshan Blue Rocket Elec...
2SC3421 FOSHAN-2SC3421 Datasheet
1,018Kb / 6P
Silicon NPN transistor in a TO-126F Plastic Package.
logo
Toshiba Semiconductor
2SC3421 TOSHIBA-2SC3421 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - 2SC3421

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2859 TOSHIBA-2SC2859_07 Datasheet
311Kb / 3P
Silicon NPN Epitaxial (PCT process) Audio Frequency Low Power Amplifier Applications
2SC3325 TOSHIBA-2SC3325_07 Datasheet
302Kb / 4P
Silicon NPN Epitaxial Type (PCT process) Audio Frequency Low Power Amplifier Applications
2SC3422 TOSHIBA-2SC3422_06 Datasheet
120Kb / 4P
Silicon NPN Epitaxial Type (PCT Process) Audio Frequency Power Amplifier
2SC3423 TOSHIBA-2SC3423_06 Datasheet
125Kb / 5P
Silicon NPN Epitaxial Type (PCT Process) Audio Frequency Amplifier Applications
2SC4118 TOSHIBA-2SC4118_07 Datasheet
329Kb / 4P
Silicon NPN Epitaxial Type (PCT process) Audio Frequency Low Power Amplifier Applications
2SC4207 TOSHIBA-2SC4207_07 Datasheet
417Kb / 4P
Silicon NPN Epitaxial Type (PCT process) Audio Frequency General Purpose Amplifier Applications
2SC4666 TOSHIBA-2SC4666_07 Datasheet
458Kb / 4P
Silicon NPN Epitaxial Type (PCT process) Audio Frequency Amplifier Applications
HN1A02F TOSHIBA-HN1A02F Datasheet
127Kb / 3P
Silicon PNP Epitaxial Type (PCT Process) Audio Frequency Power Amplifier Applications
HN1B01F TOSHIBA-HN1B01F_07 Datasheet
364Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Audio-Frequency General-Purpose Amplifier Applications
HN1B04F TOSHIBA-HN1B04F_07 Datasheet
514Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Audio Frequency General Purpose Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com