Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3437 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC3437
Description  Silicon NPN Epitaxial Type (PCT process) Ultra High Speed Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3437 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC3437 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3437 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3437 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3437 Datasheet HTML 4Page - Toshiba Semiconductor 2SC3437 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC3437
2007-11-01
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
2SC3437
Ultra High Speed Switching Applications
Computer, Counter Applications
• High transition frequency: fT = 400 MHz (typ.)
• Low saturation voltage: VCE (sat) = 0.3 V (max)
• High speed switching time: tstg = 15 ns (typ.)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
40
V
Collector-emitter voltage
VCEO
15
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
200
mA
Base current
IB
40
mA
Collector power dissipation
PC
150
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Marking
Unit: mm
JEDEC
TO-236MOD
JEITA
SC-59
TOSHIBA
2-3F1A
Weight: 0.012 g (typ.)


Similar Part No. - 2SC3437

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3437 TOSHIBA-2SC3437 Datasheet
160Kb / 4P
NPN EPITAXIAL TYPE (ULTRA HIGH SPEED SWITCHING, COMPUTER, COUNTER APPLICATIONS)
logo
Guangdong Kexin Industr...
2SC3437 KEXIN-2SC3437 Datasheet
41Kb / 2P
Silicon NPN Epitaxial
logo
Shenzhen Jin Yu Semicon...
2SC3437 HTSEMI-2SC3437 Datasheet
433Kb / 1P
TRANSISTOR (NPN)
logo
Jiangsu Changjiang Elec...
2SC3437 JIANGSU-2SC3437 Datasheet
722Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
More results

Similar Description - 2SC3437

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN4985 TOSHIBA-RN4985 Datasheet
152Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4986 TOSHIBA-RN4986 Datasheet
150Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4606 TOSHIBA-RN4606 Datasheet
159Kb / 4P
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4908 TOSHIBA-RN4908 Datasheet
155Kb / 5P
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4909 TOSHIBA-RN4909 Datasheet
155Kb / 5P
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4988 TOSHIBA-RN4988 Datasheet
217Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4989 TOSHIBA-RN4989 Datasheet
216Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN1441 TOSHIBA-RN1441_07 Datasheet
697Kb / 9P
Silicon NPN Epitaxial Type (PCT Process) Muting And Switching Applications
RN4604 TOSHIBA-RN4604_07 Datasheet
251Kb / 5P
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4606 TOSHIBA-RN4606_07 Datasheet
250Kb / 5P
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com