Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3621 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC3621
Description  Silicon NPN Epitaxial Type (PCT Process) Color TV Vertitcal Deflection Output Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3621 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC3621 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3621 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3621 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3621 Datasheet HTML 4Page - Toshiba Semiconductor 2SC3621 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC3621
2006-11-09
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (mA)
hFE – IC
Collector current IC (mA)
hFE – IC
Collector current IC (mA)
VCE (sat) – IC
Collector current IC (mA)
VCE (sat) – IC
IC – VBE
Base-emitter voltage VBE (V)
30
2
Common emitter
Tc = 25°C
5
10
30
50
100
300
1000
VCE = 10 V
2
5
Common emitter
Tc = 25°C
0.5
0.05
0
0.01
0.1
0.3
30
100
300
1000
IC/IB = 10
5
0.03
0.03
Common emitter
IC/IB = 10
0.05
0.1
0.3
0.5
0.01
10
100
300
1000
Tc = 100°C
25
0
30
Common emitter
VCE = 5 V
0
0.4
0.8
1.2
1.6
1.4
0
0.4
0.8
1.2
1.6
0
25
Tc = 100°C
1.4
1.0
0.6
0.2
0.2
0.6
1.0
0
0
Common
emitter
Tc = 25°C
1.6
0.4
0.8
1.2
4
8
12
20
16
40
100
10
60
2
3
5
20
IB = 1 mA
0
80
Common emitter
VCE = 10 V
VCE = 5 V
30
500
20
300
50
100
100
300
1000
Tc = 100°C
25
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com