Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4118 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC4118
Description  Silicon NPN Epitaxial Type (PCT process) Audio Frequency Low Power Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC4118 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC4118 Datasheet HTML 1Page - Toshiba Semiconductor 2SC4118 Datasheet HTML 2Page - Toshiba Semiconductor 2SC4118 Datasheet HTML 3Page - Toshiba Semiconductor 2SC4118 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC4118
2007-11-01
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
2SC4118
Audio Frequency Low Power Amplifier Applications
Driver Stage Amplifier Applications
Switching Applications
• Excellent hFE linearity: hFE (2) = 25 (min) (VCE = 6 V, IC = 400 mA)
• Complementary to 2SA1588
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
35
V
Collector-emitter voltage
VCEO
30
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
500
mA
Base current
IB
50
mA
Collector power dissipation
PC
100
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Marking
Unit: mm
JEDEC
JEITA
SC-70
TOSHIBA
2-2E1A
Weight: 0.006 g (typ.)


Similar Part No. - 2SC4118

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4118 TOSHIBA-2SC4118 Datasheet
140Kb / 3P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY LOW POWER, DRIVER STAGE AMPLIFIER, SWITCHING SPPLICATIONS)
logo
Guangdong Kexin Industr...
2SC4118 KEXIN-2SC4118 Datasheet
45Kb / 1P
Silicon NPN Epitaxial
More results

Similar Description - 2SC4118

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2859 TOSHIBA-2SC2859_07 Datasheet
311Kb / 3P
Silicon NPN Epitaxial (PCT process) Audio Frequency Low Power Amplifier Applications
2SC3324 TOSHIBA-2SC3324_07 Datasheet
663Kb / 5P
Silicon NPN Epitaxial Type (PCT process) Audio Frequency Low Noise Amplifier Applications
2SC3325 TOSHIBA-2SC3325_07 Datasheet
302Kb / 4P
Silicon NPN Epitaxial Type (PCT process) Audio Frequency Low Power Amplifier Applications
2SC3421 TOSHIBA-2SC3421_06 Datasheet
120Kb / 4P
Silicon NPN Epitaxial Type (PCT Process) Audio Frequency Power Amplifier Applications
2SC3422 TOSHIBA-2SC3422_06 Datasheet
120Kb / 4P
Silicon NPN Epitaxial Type (PCT Process) Audio Frequency Power Amplifier
2SC3423 TOSHIBA-2SC3423_06 Datasheet
125Kb / 5P
Silicon NPN Epitaxial Type (PCT Process) Audio Frequency Amplifier Applications
2SC4207 TOSHIBA-2SC4207_07 Datasheet
417Kb / 4P
Silicon NPN Epitaxial Type (PCT process) Audio Frequency General Purpose Amplifier Applications
2SC4666 TOSHIBA-2SC4666_07 Datasheet
458Kb / 4P
Silicon NPN Epitaxial Type (PCT process) Audio Frequency Amplifier Applications
HN1A02F TOSHIBA-HN1A02F Datasheet
127Kb / 3P
Silicon PNP Epitaxial Type (PCT Process) Audio Frequency Power Amplifier Applications
HN1B01F TOSHIBA-HN1B01F_07 Datasheet
364Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Audio-Frequency General-Purpose Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com